Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16W Datasheet (PDF) - First Components International

BAS16W Datasheet PDF - First Components International
Part # BAS16W
Download  BAS16W Download
File Size   205.01 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 200mW Surface Mount Zener Diode SWITCHING DIODE Collector current 150 mA

BAS16W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16W Datasheet PDF - First Components International

Part # BAS16W
Download  BAS16W Click to download

File Size   205.01 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 200mW Surface Mount Zener Diode SWITCHING DIODE Collector current 150 mA

BAS16W Datasheet (HTML) - First Components International


BAS16W Product details

SWITCHING DIODE

FEATURES
   Power dissipation
      PD: 200 mW (Tamb=25℃)
   Collector current
      IO: 150 mA
   Collector-base voltage
      VR: 75 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - BAS16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16W PANJIT-BAS16W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16W PHILIPS-BAS16W Datasheet
57Kb / 12P
High-speed diode
1999 May 06
logo
Won-Top Electronics
BAS16W WTE-BAS16W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
Silicon Switching Diode (For high speed switching applications)
logo
Diodes Incorporated
BAS16W DIODES-BAS16W Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30094 Rev. 12 - 2
More results


Similar Description - BAS16W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Won-Top Electronics
BZX84C2V4W WTE-BZX84C2V4W Datasheet
59Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 13 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
MBD4448W FCI-MBD4448W Datasheet
301Kb / 1P
200mW Surface Mount Switching Diode Collector current 250 mA
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
logo
Won-Top Electronics
BZT52C39S WTE-BZT52C39S Datasheet
49Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com