Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK35A Datasheet (PDF) - Micro Commercial Components

SK35A Datasheet PDF - Micro Commercial Components
Part # SK35A
Download  SK35A Download
File Size   272.39 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Can Be Up To 50% Smaller Than The SMC To Save Precious Board Space

SK35A Datasheet (PDF)

Go To PDF Page Download Datasheet
SK35A Datasheet PDF - Micro Commercial Components

Part # SK35A
Download  SK35A Click to download

File Size   272.39 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Can Be Up To 50% Smaller Than The SMC To Save Precious Board Space

SK35A Datasheet (HTML) - Micro Commercial Components


SK35A Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)
• Same Electrical Characteristics As The SMC Version
• Very Low Cost
• Can Be Up To 50% Smaller Than The SMC To Save Precious Board Space
• High Current Capability With Low Forward Voltage
• For Surface Mount Applications
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - SK35A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK35A MCC-SK35A Datasheet
620Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SK35A TSC-SK35A Datasheet
130Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SK35A GOOD-ARK-SK35A Datasheet
151Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
logo
SEMTECH ELECTRONICS LTD...
SK35A SEMTECH_ELEC-SK35A Datasheet
183Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Daya Electric Group Co....
SK35A DAYA-SK35A Datasheet
383Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
More results


Similar Description - SK35A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-FSMF050X-2 BOURNS-MF-FSMF050X-2 Datasheet
264Kb / 4P
Compact design to save board space - 0603 footprint
logo
Rohm
BR24T-E ROHM-BR24T-E Datasheet
430Kb / 22P
Other devices than EEPROM can be connected to the same port, saving microcontroller port
logo
Bothhand USA, LP.
KLU4S041C-LF BOTHHAND-KLU4S041C-LF Datasheet
240Kb / 2P
Size same as RJ-45 connector to save PCB board space
logo
PHOENIX CONTACT
2279279 PHOENIX-2279279 Datasheet
46Kb / 2P
ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
2279282 PHOENIX-2279282 Datasheet
47Kb / 3P
ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
2707754 PHOENIX-2707754 Datasheet
60Kb / 4P
ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
2701457 PHOENIX-2701457 Datasheet
116Kb / 5P
Up to 63 Axioline F devices can be connected to the bus coupler.
logo
Quelighting Corp
QLSP1308R-289 QUELIGHTING-QLSP1308R-289 Datasheet
579Kb / 10P
This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
QLSP1308YG-288 QUELIGHTING-QLSP1308YG-288 Datasheet
578Kb / 11P
This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
QLSP1608R-293 QUELIGHTING-QLSP1608R-293 Datasheet
630Kb / 11P
This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com