Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM0 Datasheet (PDF) - Microchip Technology

COM0 Datasheet PDF - Microchip Technology
Part # COM0
Download  COM0 Download
File Size   197.27 Kbytes
Page   6 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64-Pin 8-Bit Flash Microcontroller Product Brief

COM0 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM0 Datasheet PDF - Microchip Technology

Part # COM0
Download  COM0 Click to download

File Size   197.27 Kbytes
Page   6 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64-Pin 8-Bit Flash Microcontroller Product Brief

COM0 Datasheet (HTML) - Microchip Technology


COM0 Product details

High-Performance RISC CPU:

• Only 49 Instructions to Learn

• Operating Speed:

   - DC – 32 MHz clock input

   - DC – 125 ns instruction cycle

• Interrupt Capability with Automatic Context Saving

• 16-Level Deep Hardware Stack with Optional Overflow/Underflow Reset

• Direct, Indirect and Relative Addressing modes:

   - Two full 16-bit File Select Registers (FSRs)

   - FSRs can read program and data memory



Special Microcontroller Features:

• Precision Internal Oscillator:

   - Factory calibrated to ±1%, typical

   - Software selectable frequency range from 32 MHz to 31 kHz

• 31 kHz Low-Power Internal Oscillator

• External Oscillator Block with:

   - 4 crystal/resonator modes up to 32 MHz

   - 3 external clock modes up to 32 MHz

• 4x Phase Locked Loop (PLL)

• Fail-Safe Clock Monitor

• Two-Speed Start-up

• Power-Saving Sleep mode

• Power-on Reset (POR)

• Power-up Timer (PWRT)

• Oscillator Start-up Timer (OST)

• Brown-out Reset (BOR) with Selectable Trip Point

• Extended Watch-Dog Timer (WDT)

• In-Circuit Serial Programming™ (ICSP™) via two pins

• In-Circuit Debug (ICD) via Two Pins

• Enhanced Low-Voltage Programming (LVP)

• Operating Voltage Range:

   - 1.8V to 3.6V (PIC16LF194X)

   - 1.8V to 5.5V (PIC16F194X)

• Programmable Code Protection

• Self-Programmable under Software Control



Low-Power Features:

• Standby Current (PIC16LF194X):

   - 100 nA @ 1.8V, typical

• Operating Current (PIC16LF194X):

   - 150 μA @ 1 MHz, 1.8V, typical

• Low-Power Watchdog Timer Current (PIC16LF194X):

   - 1.0 μA @ 1.8V, typical

  

Peripheral Features:

• Integrated LCD Controller:

   - Up to 184 segments

   - Variable clock input

   - Contrast control

   - Internal voltage reference selections

• Up to 53 I/O Pins and 1 Input-only Pin:

   - High current sink/source for LED drivers

   - Individually programmable interrupt-on change pins

   - Individually programmable weak pull-ups

• Timer0: 8-Bit Timer/Counter with 8-Bit Programmable Prescaler

• Enhanced Timer1:

   - 16-bit timer/counter with prescaler

   - External Gate Input mode

   - Dedicated low-power 32 kHz oscillator driver

• Timer2, 4, 6: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler

• Two Capture/Compare/PWM modules (CCP):

   - Software selectable time bases

• Three Enhanced Capture, Compare, PWM modules (ECCP):

   - Software selectable time bases

   - Auto-shutdown and auto-restart

   - PWM steering

• Two Master Synchronous Serial Ports (MSSP) with SPI and I2CTM with:

   - 7-bit address masking

   - SMBus/PMBusTM compatibility

• Two Enhanced Universal Synchronous Asynchronous Receiver Transmitters (EUSART):

   - RS-232, RS-485 and LIN compatible

   - Auto-Baud Detect

   - Auto-wake-up on start

• SR Latch (Integrated 555 Timer):

   - Multiple Set/Reset input options

• Analog-to-Digital Converter (ADC):

   - 10-bit resolution

   - Up to 17 channels

• 3 Comparators:

   - Rail-to-rail inputs/outputs

   - Power mode control

   - Software controllable hysteresis

• Voltage Reference module:

   - Fixed Voltage Reference (FVR) with 1.024V, 2.048V and 4.096V output levels

   - 5-bit rail-to-rail resistive DAC with positive and negative reference selection

• mTouch™ Oscillator Module

   - 17 channels for button, sensor, or slider input



 




Similar Part No. - COM0

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
COM0A0 ATMEL-COM0A0 Datasheet
5Mb / 294P
High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
COM0A1 ATMEL-COM0A1 Datasheet
5Mb / 294P
High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
More results


Similar Description - COM0

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5554 FREESCALE-MPC5554 Datasheet
150Kb / 12P
MPC5554 Microcontroller Product Brief
logo
Microchip Technology
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC16F85 MICROCHIP-PIC16F85 Datasheet
69Kb / 4P
18/20 Pin, 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief
2001
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
14-Pin, 8-Bit Flash Microcontroller
2010
PIC12F615 MICROCHIP-PIC12F615_05 Datasheet
177Kb / 4P
8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
129Kb / 10P
8/14/20-Pin, 8-Bit Flash Microcontrollers Product Brief
2011
PIC16F570 MICROCHIP-PIC16F570 Datasheet
2Mb / 134P
28-Pin, 8-Bit Flash Microcontroller
11/29/12 2013
PIC16F527 MICROCHIP-PIC16F527_12 Datasheet
2Mb / 120P
20-Pin, 8-Bit Flash Microcontroller
11/29/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com