Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020EG Datasheet (PDF) - Zilog, Inc.

Z8F021ASH020EG Datasheet PDF - Zilog, Inc.
Part # Z8F021ASH020EG
Download  Z8F021ASH020EG Download
File Size   1321.83 Kbytes
Page   282 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description High-Performance 8-Bit Microcontrollers

Z8F021ASH020EG Datasheet (PDF)

Go To PDF Page Download Datasheet
Z8F021ASH020EG Datasheet PDF - Zilog, Inc.

Part # Z8F021ASH020EG
Download  Z8F021ASH020EG Click to download

File Size   1321.83 Kbytes
Page   282 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description High-Performance 8-Bit Microcontrollers

Z8F021ASH020EG Datasheet (HTML) - Zilog, Inc.


Z8F021ASH020EG Product details

Overview
Zilog’s Z8 Encore! MCU family of products are the first in a line of Zilog microcontroller products based upon the 8-bit eZ8 CPU. Zilog’s Z8 Encore! XP F082A Series products expand upon Zilog’s extensive line of 8-bit microcontrollers. The Flash in-circuit pro gramming capability allows for faster development time and program changes in the field. The new eZ8 CPU is upward compatible with existing Z8 instructions. The rich peripheral set of the Z8 Encore! XP F082A Series makes it suitable for a variety of applications including motor control, security systems, home appliances, personal electronic devices and sensors.

Features
The key features of Z8 Encore! XP F082A Series products include:
• 20 MHz eZ8 CPU
• 1 KB, 2 KB, 4 KB, or 8 KB Flash memory with in-circuit programming capability
• 256 B, 512 B, or 1 KB register RAM
• Up to 128 B nonvolatile data storage (NVDS)
• Internal precision oscillator trimmed to ±1% accuracy
• External crystal oscillator, operating up to 20 MHz
• Optional 8-channel, 10-bit analog-to-digital converter (ADC)
• Optional on-chip temperature sensor
• On-chip analog comparator
• Optional on-chip low-power operational amplifier (LPO)
• Full-duplex UART
• The UART baud rate generator (BRG) can be configured and used as a basic 16-bit timer
• Infrared Data Association (IrDA)-compliant infrared encoder/decoders, integrated
   with the UART
• Two enhanced 16-bit timers with capture, compare and PWM capability
• Watchdog Timer (WDT) with dedicated internal RC oscillator
• Up to 20 vectored interrupts
• 6 to 25 I/O pins depending upon package
• Up to thirteen 5 V-tolerant input pins
• Up to 8 ports capable of direct LED drive with no current limit resistor required
• On-Chip Debugger (OCD)
• Voltage Brown-Out (VBO) protection
• Programmable low battery detection (LVD) (8-pin devices only)
• Bandgap generated precision voltage references available for the ADC, comparator,
   VBO and LVD
• Power-On Reset (POR)
• 2.7 V to 3.6 V operating voltage
• 8-, 20- and 28-pin packages
• 0°C to +70°C and –40°C to +105°C for operating temperature ranges




Similar Part No. - Z8F021ASH020EG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F021ASH020EC ZILOG-Z8F021ASH020EC Datasheet
3Mb / 276P
Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
More results


Similar Description - Z8F021ASH020EG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8X1621 ZILOG-Z8X1621 Datasheet
2Mb / 307P
High Performance 8-Bit Microcontrollers
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
High Performance 8-Bit Microcontrollers
Z8F1680SH020SG ZILOG-Z8F1680SH020SG Datasheet
2Mb / 412P
High-Performance 8-Bit Microcontrollers
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
High-Performance 8-Bit Microcontrollers
Z8F0830HH020SG ZILOG-Z8F0830HH020SG Datasheet
1Mb / 257P
High-Performance 8-Bit Microcontrollers
Z8F082ASJ020EG ZILOG-Z8F082ASJ020EG Datasheet
1Mb / 282P
High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
High-Performance 8-Bit Microcontrollers
Z8F042ASJ020EG2156 ZILOG-Z8F042ASJ020EG2156 Datasheet
1Mb / 280P
High-Performance 8-Bit Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com