Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2550 Datasheet (PDF) - Microchip Technology

PIC18F2550 Datasheet PDF - Microchip Technology
Part # PIC18F2550
Download  PIC18F2550 Download
File Size   7523.5 Kbytes
Page   438 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology

PIC18F2550 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F2550 Datasheet PDF - Microchip Technology

Part # PIC18F2550
Download  PIC18F2550 Click to download

File Size   7523.5 Kbytes
Page   438 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology

PIC18F2550 Datasheet (HTML) - Microchip Technology


PIC18F2550 Product details

DEVICE OVERVIEW

This document contains device-specific information for the following devices:



• PIC18F2455 • PIC18LF2455

• PIC18F2550 • PIC18LF2550

• PIC18F4455 • PIC18LF4455

• PIC18F4550 • PIC18LF4550



This family of devices offers the advantages of all PIC18 microcontrollers – namely, high computational performance at an economical price – with the addition of high-endurance, Enhanced Flash program memory. In addition to these features, the PIC18F2455/2550/4455/4550 family introduces design enhancements that make these microcontrollers a logical choice for many high-performance, power sensitive applications.



Universal Serial Bus Features:

• USB V2.0 Compliant

• Low Speed (1.5 Mb/s) and Full Speed (12 Mb/s)

• Supports Control, Interrupt, Isochronous and Bulk Transfers

• Supports up to 32 Endpoints (16 bidirectional)

• 1 Kbyte Dual Access RAM for USB

• On-Chip USB Transceiver with On-Chip Voltage Regulator

• Interface for Off-Chip USB Transceiver

• Streaming Parallel Port (SPP) for USB streaming transfers (40/44-pin devices only)



Power-Managed Modes:

• Run: CPU on, Peripherals on

• Idle: CPU off, Peripherals on

• Sleep: CPU off, Peripherals off

• Idle mode Currents Down to 5.8 μA Typical

• Sleep mode Currents Down to 0.1 μA Typical

• Timer1 Oscillator: 1.1 μA Typical, 32 kHz, 2V

• Watchdog Timer: 2.1 μA Typical

• Two-Speed Oscillator Start-up



Flexible Oscillator Structure:

• Four Crystal modes, including High-Precision PLL for USB

• Two External Clock modes, Up to 48 MHz

• Internal Oscillator Block:

  - 8 user-selectable frequencies, from 31 kHz to 8 MHz

  - User-tunable to compensate for frequency drift

• Secondary Oscillator using Timer1 @ 32 kHz

• Dual Oscillator Options allow Microcontroller and USB module to Run at Different Clock Speeds

• Fail-Safe Clock Monitor:

  - Allows for safe shutdown if any clock stops



Peripheral Highlights:

• High-Current Sink/Source: 25 mA/25 mA

• Three External Interrupts

• Four Timer modules (Timer0 to Timer3)

• Up to 2 Capture/Compare/PWM (CCP) modules:

  - Capture is 16-bit, max. resolution 5.2 ns (TCY/16)

  - Compare is 16-bit, max. resolution 83.3 ns (TCY)

  - PWM output: PWM resolution is 1 to 10-bit

• Enhanced Capture/Compare/PWM (ECCP) module:

  - Multiple output modes

  - Selectable polarity

  - Programmable dead time

  - Auto-shutdown and auto-restart

• Enhanced USART module:

  - LIN bus support

• Master Synchronous Serial Port (MSSP) module Supporting 3-Wire SPI (all 4 modes) and I2C™ Master and Slave modes

• 10-Bit, Up to 13-Channel Analog-to-Digital Converter (A/D) module with Programmable Acquisition Time

• Dual Analog Comparators with Input Multiplexing




Similar Part No. - PIC18F2550

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2550 MICROCHIP-PIC18F2550 Datasheet
95Kb / 6P
28/40/44-Pin High-Performance, Enhanced Flash USB Microcontrollers with nanoWatt Technology
2003
PIC18F2550 MICROCHIP-PIC18F2550 Datasheet
7Mb / 430P
28/40/44-Pin, High Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2007
PIC18F2550 MICROCHIP-PIC18F2550 Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F2550 MICROCHIP-PIC18F2550 Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
03/26/09
logo
SYC Electronica
PIC18F2550 SYC-PIC18F2550 Datasheet
7Mb / 430P
28/40/44-Pin, High Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
More results


Similar Description - PIC18F2550

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2455 MICROCHIP-PIC18F2455 Datasheet
95Kb / 6P
28/40/44-Pin High-Performance, Enhanced Flash USB Microcontrollers with nanoWatt Technology
2003
PIC18F2450 MICROCHIP-PIC18F2450 Datasheet
5Mb / 320P
28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2006
PIC18F2455 MICROCHIP-PIC18F2455_07 Datasheet
7Mb / 430P
28/40/44-Pin, High Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2007
PIC18F2458 MICROCHIP-PIC18F2458 Datasheet
1,020Kb / 46P
28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
PIC18F2450 MICROCHIP-PIC18F2450_08 Datasheet
5Mb / 324P
28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2008
PIC18F2455 MICROCHIP-PIC18F2455_09 Datasheet
7Mb / 438P
28/40/44-Pin,High-Performance,Enhanced Flash,USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18LF4550-I MICROCHIP-PIC18LF4550-I Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
03/26/09
PIC18F2455-I MICROCHIP-PIC18F2455-I Datasheet
7Mb / 430P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
12/08/06
PIC18LF4455-I-PT MICROCHIP-PIC18LF4455-I-PT Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18LF2455-I MICROCHIP-PIC18LF2455-I Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com