![]() |
Electronic Components Datasheet Search |
|
MPC980 Datasheet (PDF) - Motorola, Inc |
MPC980 Datasheet (HTML) - Motorola, Inc |
MPC980 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | MPC980 |
Download | MPC980 Click to view |
File Size | 138.01 Kbytes |
Page | 7 Pages |
Maker | MOTOROLA [Motorola, Inc] |
Homepage | http://www.freescale.com |
Logo | |
Description | DUAL 3.3V PLL CLOCK GENERATOR |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
MPC9658 | 3.3V 1:10 LVCMOS PLL Clock Generator | 1 2 3 4 5 More | Motorola, Inc |
MPC9100 | DUAL PLL CLOCK GENERATOR | 1 2 3 4 5 More | Motorola, Inc |
IDT5V9955 | 3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W | 1 2 3 4 5 More | Integrated Device Technology |
NBC12429 | 3.3V/5V Programmable PLL Synthesized Clock Generator | 1 2 3 4 5 More | ON Semiconductor |
FS6209 | DUAL PLL VCXO CLOCK GENERATOR IC | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
MPC9653 | 3.3V 1:8 LVCMOS PLL CLOCK GENERATOR | 1 2 3 4 5 More | Motorola, Inc |
MPC9330 | 3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR | 1 2 3 4 5 More | Motorola, Inc |
MPC9315 | 2.5V and 3.3V CMOS PLL Clock Generator and Driver | 1 2 3 4 5 More | Motorola, Inc |
FS6217-01 | DUAL PLL CLOCK GENERATOR IC | 1 | List of Unclassifed Manufacturers |
MPC9774 | 3.3V / 2 5V 1:14 LVCMOS PLL CLOCK GENERATOR | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |