Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA2616YT Datasheet (PDF) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

VCA2616YT Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Part # VCA2616YT
Download  VCA2616YT Download
File Size   1040.67 Kbytes
Page   23 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description Dual, Variable-Gain Amplifier with Low-Noise Preamp

VCA2616YT Datasheet (PDF)

Go To PDF Page Download Datasheet
VCA2616YT Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # VCA2616YT
Download  VCA2616YT Click to download

File Size   1040.67 Kbytes
Page   23 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description Dual, Variable-Gain Amplifier with Low-Noise Preamp

VCA2616YT Datasheet (HTML) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS


VCA2616YT Product details

DESCRIPTION
The VCA2616 and VCA2611 are dual, Low-Noise Preamplifiers (LNP), plus low-noise Variable Gain Amplifiers (VGA). The VCA2611 is an upgraded version of the VCA2616. The only difference between the VCA2616 and the VCA2611 is the input structure to the LNP. The VCA2616 is limited to –0.3V negativegoing input spikes; the VCA2611 is limited to –2.0V negativegoing input spikes. This change allows the user to use slower and less expensive input clamping diodes prior to the LNP input. In some designs, input clamping may not be required.

FEATURES
● LOW-NOISE PREAMP:
    – Low Input Noise: 0.95nV/√Hz
    – Active Termination Noise Reduction
    – Switchable Termination Value
    – 80MHz Bandwidth
    – 5dB to 25dB Gain
    – Differential In and Out
● LOW-NOISE VARIABLE GAIN AMPLIFIER:
    – Low-Noise VCA
    – Up to 40dB Gain Range
    – 40MHz Bandwidth
    – Differential In and Out
● LOW CROSSTALK: 66dB at Max Gain, 5MHz
● HIGH-SPEED VARIABLE GAIN ADJUST
● SWITCHABLE EXTERNAL PROCESSING

APPLICATIONS
● ULTRASOUND SYSTEMS
● WIRELESS RECEIVERS
● TEST EQUIPMENT




Similar Part No. - VCA2616YT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2616 BURR-BROWN-VCA2616 Datasheet
389Kb / 19P
Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2616 TI1-VCA2616 Datasheet
934Kb / 30P
High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA2616EVM TI1-VCA2616EVM Datasheet
405Kb / 10P
SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
More results


Similar Description - VCA2616YT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
Dual, Low-Noise Variable-Gain Amplifier with Preamp
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
Texas Instruments
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com