Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9956 Datasheet (PDF) - ebm-papst

9956 Datasheet PDF - ebm-papst
Part # 9956
Download  9956 Download
File Size   289.37 Kbytes
Page   4 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description AC axial compact fan

9956 Datasheet (PDF)

Go To PDF Page Download Datasheet
9956 Datasheet PDF - ebm-papst

Part # 9956
Download  9956 Click to download

File Size   289.37 Kbytes
Page   4 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description AC axial compact fan

9956 Datasheet (HTML) - ebm-papst


9956 Product details

General description

  AC voltage fan with internal rotor shaded-pole motor. Protected from overload by impedance protection.

  Fan housing made of metal, impeller made of mineral-reinforced PA plastic.

  Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.

  Electrical connection to 2 flat plugs 2.8 x 0.5 mm.

  Fan housing with grounding lug for M4 tapping screw. Mass 320 g.

  Please note our new ACmaxx series. With identical fastening dimensions and voltages, this series achieves higher energy efficiency.



 




Similar Part No. - 9956

ManufacturerPart #DatasheetDescription
logo
ebm-papst
9956 EBMPAPST-9956 Datasheet
318Kb / 1P
TUBEAXIAL
9956 EBMPAPST-9956 Datasheet
129Kb / 1P
AC axial fans
logo
Brady Worldwide, Inc.
99564 BRADY-99564 Datasheet
281Kb / 1P
Safety Padlocks
logo
List of Unclassifed Man...
9956B ETC-9956B Datasheet
242Kb / 2P
52mm DIAMETER
logo
ebm-papst
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
TUBEAXIAL
More results


Similar Description - 9956

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6100NM EBMPAPST-AC6100NM_11 Datasheet
100Kb / 3P
AC axial compact fan
logo
Molex Electronics Ltd.
AC3200JH MOLEX10-AC3200JH Datasheet
174Kb / 4P
AC axial compact fan
logo
ebm-papst
4550N EBMPAPST-4550N Datasheet
296Kb / 4P
AC axial compact fan
4580Z EBMPAPST-4580Z Datasheet
285Kb / 4P
AC axial compact fan
4586Z EBMPAPST-4586Z Datasheet
285Kb / 4P
AC axial compact fan
4600TA EBMPAPST-4600TA Datasheet
209Kb / 3P
AC axial compact fan
4606N EBMPAPST-4606N Datasheet
296Kb / 4P
AC axial compact fan
4650N EBMPAPST-4650N Datasheet
296Kb / 4P
AC axial compact fan
5606S EBMPAPST-5606S Datasheet
287Kb / 4P
AC axial compact fan
5900 EBMPAPST-5900 Datasheet
293Kb / 4P
AC axial compact fan
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com