Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R192 Datasheet (PDF) - Agere Systems

R192 Datasheet PDF - Agere Systems
Part # R192
Download  R192 Download
File Size   89.69 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description R192P OC-192/STM-64 Lightwave Receiver with Improved Sensitivity (-18 dBm)

R192 Datasheet (PDF)

Go To PDF Page Download Datasheet
R192 Datasheet PDF - Agere Systems

Part # R192
Download  R192 Click to download

File Size   89.69 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description R192P OC-192/STM-64 Lightwave Receiver with Improved Sensitivity (-18 dBm)

R192 Datasheet (HTML) - Agere Systems


R192 Product details

Description
Receiver Operation
The R192P 10.7 Gbits/s fiber-optic receiver consists of a high-speed PIN photodetector and a wide-band linear preamp in a pigtailed, surface-mount metal package. It is designed for use in single-mode, high-speed telecommunication applications at the SONET OC-192 and the ITU-T SDH STM-64 data rate of 9.95328 Gbits/s.

Features
■ High data rate capability, 10.7 Gbits/s
■ PIN photodetector
■ Fully operational through the 1.3 µm to 1.6 µm wavelength range
■ Improved typical sensitivity of –18 dBm
■ Single-mode fiber pigtail with ST ®, SC, LC, or FC/PC optical connector
■ Operating case temperature range: 0 °C to 70 °C
■ 50 Ω differential data output, with offset control
■ Package options:
    — Space-sensitive package without mounting bracket (ideal for transponder and transceiver applications)
    — With mounting bracket

Applications
■ Line terminal equipment
■ High-speed networks up to 10.7 Gbits/s
■ SONET/SDH OC-192/STM-64 telecommunications applications
■ Extended-reach datacom and telecom applications




Similar Part No. - R192

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1924A HAMAMATSU-R1924A Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R1924A HAMAMATSU-R1924A_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
More results


Similar Description - R192

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
Digital Receiver OC-192/STM-64
September 2001
R2860D AGERE-R2860D Datasheet
107Kb / 6P
R2860D Digital Receiver OC-192/STM-64
September 2001
R2860E AGERE-R2860E Datasheet
84Kb / 6P
R2860E Digital Receiver OC-192/STM-64
September 2001
R2860F AGERE-R2860F Datasheet
84Kb / 6P
R2860F Digital Receiver OC-192/STM-64
September 2001
R2860G AGERE-R2860G Datasheet
129Kb / 6P
R2860G Digital Receiver OC-192/STM-64
September 2001
R2862A AGERE-R2862A Datasheet
97Kb / 6P
R2862A Digital 2R Receiver OC-192/STM-64
October 2001
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
1319T OC-192/STM-64 Lighwave Receiver
logo
Source Photonics, Inc.
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
OC-192/STM-64 SFF Transponder
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
OC-192/STM-64 SFF Transponder
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com