Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25Q256A Datasheet (PDF) - Micron Technology

N25Q256A Datasheet PDF - Micron Technology
Part # N25Q256A
Download  N25Q256A Download
File Size   987.16 Kbytes
Page   90 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Micron Serial NOR Flash Memory

N25Q256A Datasheet (PDF)

Go To PDF Page Download Datasheet
N25Q256A Datasheet PDF - Micron Technology

Part # N25Q256A
Download  N25Q256A Click to download

File Size   987.16 Kbytes
Page   90 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Micron Serial NOR Flash Memory

N25Q256A Datasheet (HTML) - Micron Technology


N25Q256A Product details

Description

The N25Q is the first high-performance multiple input/output serial Flash memory device manufactured on 65nm NOR technology. It features execute-in-place (XIP) functionality, advanced write protection mechanisms, and a high-speed SPI-compatible bus interface. The innovative, high-performance, dual and quad input/output instructions enable double or quadruple the transfer bandwidth for READ and PROGRAM operations.



Features

The memory is organized as 512 (64KB) main sectors that are further divided into 16 subsectors each (8192 subsectors in total). The memory can be erased one 4KB subsector at a time, 64KB sectors at a time, or as a whole.

The memory can be write protected by software through volatile and nonvolatile protection features, depending on the application needs. The protection granularity is of 64KB (sector granularity) for volatile protections

The device has 64 one-time programmable (OTP) bytes that can be read and programmed with the READ OTP and PROGRAM OTP commands. These 64 bytes can also be permanently locked with a PROGRAM OTP command.

The device also has the ability to pause and resume PROGRAM and ERASE cycles by us ing dedicated PROGRAM/ERASE SUSPEND and RESUME instructions.




Similar Part No. - N25Q256A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q256A11E1240 MICRON-N25Q256A11E1240 Datasheet
1Mb / 87P
Micron Serial NOR Flash Memory
N25Q256A11EF840 MICRON-N25Q256A11EF840 Datasheet
1Mb / 87P
Micron Serial NOR Flash Memory
N25Q256A11ESF40 MICRON-N25Q256A11ESF40 Datasheet
1Mb / 87P
Micron Serial NOR Flash Memory
N25Q256A11ESF40F MICRON-N25Q256A11ESF40F Datasheet
1Mb / 87P
Micron Serial NOR Flash Memory
N25Q256A13E1240 MICRON-N25Q256A13E1240 Datasheet
1Mb / 90P
Micron Serial NOR Flash Memory
More results


Similar Description - N25Q256A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q128A11E1240X MICRON-N25Q128A11E1240X Datasheet
1Mb / 83P
Micron Serial NOR Flash Memory
N25Q128A11ESE40G MICRON-N25Q128A11ESE40G Datasheet
1Mb / 82P
Micron Serial NOR Flash Memory
M25P16-VMN6PBA MICRON-M25P16-VMN6PBA Datasheet
705Kb / 53P
Micron M25P16 Serial Flash Embedded Memory
M25P16-VMF3TPB MICRON-M25P16-VMF3TPB Datasheet
668Kb / 50P
Micron M25P80 Serial Flash Embedded Memory
M29DW256G7ANF6F MICRON-M29DW256G7ANF6F Datasheet
1,023Kb / 78P
Micron Parallel NOR Flash Embedded Memory
M29DW256G70NF6E MICRON-M29DW256G70NF6E Datasheet
1,023Kb / 78P
Micron Parallel NOR Flash Embedded Memory
N25Q256A11ESF40F MICRON-N25Q256A11ESF40F Datasheet
1Mb / 87P
Micron Serial NOR Flash Memory
N25Q256A13EF840F MICRON-N25Q256A13EF840F Datasheet
1Mb / 90P
Micron Serial NOR Flash Memory
M29F800FB55N3E2 MICRON-M29F800FB55N3E2 Datasheet
689Kb / 55P
Micron Parallel NOR Flash Embedded Memory
MT25QL256 MICRON-MT25QL256 Datasheet
1Mb / 97P
Micron Serial NOR Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com