Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM802 Datasheet (PDF) - Analog Devices

ADM802 Datasheet PDF - Analog Devices
Part # ADM802
Download  ADM802 Download
File Size   327.37 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuits

ADM802 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM802 Datasheet PDF - Analog Devices

Part # ADM802
Download  ADM802 Click to download

File Size   327.37 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuits

ADM802 Datasheet (HTML) - Analog Devices


ADM802 Product details

GENERAL DESCRIPTION
The ADM690A/ADM692A/ADM802L/M/ADM805L/M family of supervisory circuits offers complete single chip solutions for power supply monitoring and battery control functions in microprocessor systems. These functions include µP reset, backup battery switchover, watchdog timer, and power failure warning.
   
FEATURES
    Precision Supply Voltage Monitor
    4.65 V ADM690A/ADM802L/ADM805L
    4.40 V ADM692A/ADM802M/ADM805M
    Reset Assertion Down to 1 V VCC
    Reset Timeout—200 ms
    Watchdog Timer—1.6 s
    100 μA Quiescent Supply Current
    Automatic Battery Backup Power Switching
    Voltage Monitor for Power Fail
    ±2% Power Fail Accuracy on ADM802L/M
    Space-Saving MicroSOIC Package (ADM690A)
   
APPLICATIONS
    Microprocessor Systems
    Computers
    Controllers
    Intelligent Instruments
   




Similar Part No. - ADM802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM802L AD-ADM802L Datasheet
269Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM802LAN AD-ADM802LAN Datasheet
269Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM802LARN AD-ADM802LARN Datasheet
269Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM802LM AD-ADM802LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM802M AD-ADM802M Datasheet
269Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results


Similar Description - ADM802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com