Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z1051PI Datasheet (PDF) - Alpha & Omega Semiconductors

Z1051PI Datasheet PDF - Alpha & Omega Semiconductors
Part # Z1051PI
Download  Z1051PI Download
File Size   635.38 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??3 A Synchronous Buck Regulator

Z1051PI Datasheet (PDF)

Go To PDF Page Download Datasheet
Z1051PI Datasheet PDF - Alpha & Omega Semiconductors

Part # Z1051PI
Download  Z1051PI Click to download

File Size   635.38 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??3 A Synchronous Buck Regulator

Z1051PI Datasheet (HTML) - Alpha & Omega Semiconductors


Z1051PI Product details

General Description
The AOZ1051PI is a high efficiency, easy to use, 3 A synchronous buck regulator. The AOZ1051PI works from 4.5 V to 18 V input voltage range, and provides up to 3 A of continuous output current with an output voltage adjustable down to 0.8 V.
   
Features
● 4.5 V to 18 V operating input voltage range
● Synchronous Buck: 70 mΩ internal high-side switch
    and 40 mΩ internal low-side switch (at 12 V)
● Up to 95 % efficiency
● External soft start
● Output voltage adjustable to 0.8 V
● 3 A continuous output current
● 500 kHz PWM operation
● Cycle-by-cycle current limit
● Pre-bias start-up
● Short-circuit protection
● Thermal shutdown
● Exposed pad SO-8 package
   
Applications
● Point of load DC/DC converters
● LCD TV
● Set top boxes
● DVD and Blu-ray players/recorders
● Cable modems




Similar Part No. - Z1051PI

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
Z105 RECTRON-Z105 Datasheet
17Kb / 2P
ZENER SILICON RETIFIER
logo
SEMTECH ELECTRONICS LTD...
Z105 SEMTECH_ELEC-Z105 Datasheet
217Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Baumer IVO GmbH & Co. K...
Z105.02A IVO-Z105.02A Datasheet
167Kb / 1P
Accessories & Service
Z10502A IVO-Z10502A Datasheet
167Kb / 1P
Accessories & Service
logo
Formosa MS
Z105B FORMOSA-Z105B Datasheet
112Kb / 7P
Zener Diode
More results


Similar Description - Z1051PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1038 AOSMD-AOZ1038 Datasheet
544Kb / 14P
EZBuck??6 A Synchronous Buck Regulator
AOZ1039DI AOSMD-AOZ1039DI Datasheet
626Kb / 13P
EZBuck??8 A Synchronous Buck Regulator
AOZ1050PI AOSMD-AOZ1050PI Datasheet
607Kb / 14P
EZBuck??2 A Synchronous Buck Regulator
AOZ3011PI AOSMD-AOZ3011PI Datasheet
815Kb / 14P
EZBuck??3 A Synchronous Buck Regulator
AOZ3017 AOSMD-AOZ3017 Datasheet
789Kb / 14P
EZBuck??4 A Synchronous Buck Regulator
AOZ3024PI AOSMD-AOZ3024PI Datasheet
550Kb / 14P
EZBuck??3 A Synchronous Buck Regulator
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
EZBuck??3 A Synchronous Buck Regulator
AOZ3015AI AOSMD-AOZ3015AI Datasheet
1Mb / 14P
EZBuck??3 A Synchronous Buck Regulator
AOZ3046PI AOSMD-AOZ3046PI Datasheet
716Kb / 14P
EZBuck 4 A Synchronous Buck Regulator
AOZ3048PI AOSMD-AOZ3048PI Datasheet
1Mb / 14P
EZBuck 5 A Synchronous Buck Regulator
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com