Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7444 Datasheet (PDF) - Alpha & Omega Semiconductors

AON7444 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7444
Download  AON7444 Download
File Size   269.1 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel MOSFET

AON7444 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7444 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7444
Download  AON7444 Click to download

File Size   269.1 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel MOSFET

AON7444 Datasheet (HTML) - Alpha & Omega Semiconductors


AON7444 Product details

General Description
The AON7444 is fabricated with SDMOSTM trench technology that combines excellent RDS(ON) with low gate charge and low Qrr.The result is outstanding efficiency with controlled switching behavior. This universal technology is well suited for PWM, load switching and general purpose applications.

Product Summary
    VDS                                  60V
    ID (at VGS=10V)              33A
    RDS(ON) (at VGS=10V)  < 22mΩ
    RDS(ON) (at VGS=4.5V) < 26mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AON7444

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7440 AOSMD-AON7440 Datasheet
318Kb / 6P
RoHS and Halogen-Free Compliant
AON7442 AOSMD-AON7442 Datasheet
253Kb / 6P
RoHS and Halogen-Free Compliant
AON7446 AOSMD-AON7446 Datasheet
271Kb / 7P
60V N-Channel MOSFET
AON7448 AOSMD-AON7448 Datasheet
274Kb / 7P
80V N-Channel MOSFET
More results


Similar Description - AON7444

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com