Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7404 Datasheet (PDF) - Alpha & Omega Semiconductors

AON7404 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7404
Download  AON7404 Download
File Size   239.18 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AON7404 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7404 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7404
Download  AON7404 Click to download

File Size   239.18 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V N-Channel MOSFET

AON7404 Datasheet (HTML) - Alpha & Omega Semiconductors


AON7404 Product details

General Description
The AON7404 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
   VDS                                        20V
   ID (at VGS=4.5V)                   20A
   RDS(ON) (at VGS=4.5V)       < 6mΩ
   RDS(ON) (at VGS=2.5V)       < 7.5mΩ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AON7404

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7400 AOSMD-AON7400 Datasheet
160Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
AON7400 AOSMD-AON7400 Datasheet
205Kb / 5P
30V N-Channel MOSFET
AON7400A AOSMD-AON7400A Datasheet
177Kb / 6P
30V N-Channel MOSFET
AON7400B AOSMD-AON7400B Datasheet
77Kb / 1P
DFN3X3 PACKAGE MARKING DESCRIPTION
AON7400 AOSMD-AON7400_11 Datasheet
205Kb / 5P
30V N-Channel MOSFET
More results


Similar Description - AON7404

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com