Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7402 Datasheet (PDF) - Alpha & Omega Semiconductors

AON7402 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7402
Download  AON7402 Download
File Size   307.14 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON7402 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7402 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7402
Download  AON7402 Click to download

File Size   307.14 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON7402 Datasheet (HTML) - Alpha & Omega Semiconductors


AON7402 Product details

General Description
The AON7402 uses advanced trench technology to provide excellent RDS(ON) with low gate charge.
This device is suitable for high side switch in SMPS and general purpose applications.

Product Summary
   VDS                                      30V
   ID (at VGS=10V)                   39A
   RDS(ON) (at VGS=10V)       < 10mΩ
   RDS(ON) (at VGS = 4.5V)    < 15mΩ

   100% UIS Tested!
   100% Rg Tested!




Similar Part No. - AON7402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AON7402 AD-AON7402 Datasheet
853Kb / 32P
Dual 5 A, 20 V Synchronous Step-Down
REV. 0
AON7402 AD-AON7402 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
AON7402 AD-AON7402 Datasheet
2Mb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
logo
VBsemi Electronics Co.,...
AON7402 VBSEMI-AON7402 Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - AON7402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com