Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG419 Datasheet (PDF) - Analog Devices

DG419 Datasheet PDF - Analog Devices
Part # DG419
Download  DG419 Download
File Size   91.82 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Precision Mini-DIP Analog Switch

DG419 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG419 Datasheet PDF - Analog Devices

Part # DG419
Download  DG419 Click to download

File Size   91.82 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Precision Mini-DIP Analog Switch

DG419 Datasheet (HTML) - Analog Devices


DG419 Product details

GENERAL DESCRIPTION

The ADG417 is a monolithic CMOS SPST switch. This switch is designed on an enhanced LC2MOS process that provides low power dissipation yet gives high switching speed, low on resistance and low leakage currents.



FEATURES

44 V Supply Maximum Ratings

VSS to VDD Analog Signal Range

Low On Resistance (<35 V)

Ultralow Power Dissipation (<35 mW)

Fast Switching Times

  tON (160 ns max)

  tOFF (100 ns max)

Break-Before-Make Switching Action

Plug-In Replacement for DG417



APPLICATIONS

Precision Test Equipment

Precision Instrumentation

Battery Powered Systems

Sample Hold Systems



 




Similar Part No. - DG419

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DG419 AD-DG419 Datasheet
113Kb / 8P
LC2MOS Precision Mini-DIP Analog Switch
REV.A
logo
Maxim Integrated Produc...
DG419 MAXIM-DG419 Datasheet
170Kb / 12P
Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG419 VISHAY-DG419 Datasheet
106Kb / 10P
DG419
06-Sep-99
DG419 VISHAY-DG419 Datasheet
147Kb / 11P
Precision CMOS Analog Switches
25-Jun-07
DG419 VISHAY-DG419 Datasheet
304Kb / 16P
Precision CMOS Analog Switches
19-Jul-10
More results


Similar Description - DG419

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233 AD-AD7233 Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
ADG419 AD-ADG419 Datasheet
113Kb / 8P
LC2MOS Precision Mini-DIP Analog Switch
REV.A
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
Precision Quad SPDT Analog Switch
31-Jan-11
logo
Analog Devices
ADG419 AD-ADG419_09 Datasheet
317Kb / 16P
LC2MOS Precision Mini-DIP Analog Switch
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
Precision Quad SPDT Analog Switch
05-Sep-11
logo
Analog Devices
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
LC MOS Precision Mini-DIP Analog Switch
REV. B
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
Precision Quad SPDT Analog Switch
21-Sep-15
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com