Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD974AR Datasheet (PDF) - Analog Devices

AD974AR Datasheet PDF - Analog Devices
Part # AD974AR
Download  AD974AR Download
File Size   202.6 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 16-Bit, 200 kSPS Data Acquisition System

AD974AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD974AR Datasheet PDF - Analog Devices

Part # AD974AR
Download  AD974AR Click to download

File Size   202.6 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 16-Bit, 200 kSPS Data Acquisition System

AD974AR Datasheet (HTML) - Analog Devices


AD974AR Product details

GENERAL DESCRIPTION

The AD974 is a four-channel, data acquisition system with a serial interface. The part contains an input multiplexer, a high speed 16-bit sampling ADC and a +2.5 V reference. All of this operates from a single +5 V power supply that also has a power down mode. The part will accommodate 0 V to +4 V, 0 V to +5 V or ±10 V analog input ranges.



FEATURES

Fast 16-Bit ADC with 200 kSPS Throughput

Four Single-Ended Analog Input Channels

Single +5 V Supply Operation

Input Ranges: 0 V to +4 V, 0 V to +5 V and ±10 V

120 mW Max Power Dissipation

Power-Down Mode 50 mW

Choice of External or Internal 2.5 V Reference

On-Chip Clock

Power-Down Mode




Similar Part No. - AD974AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD974AR AD-AD974AR Datasheet
189Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974AR AD-AD974AR Datasheet
237Kb / 21P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
23-Feb-2017
AD974ARS AD-AD974ARS Datasheet
189Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974ARS AD-AD974ARS Datasheet
237Kb / 21P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
23-Feb-2017
More results


Similar Description - AD974AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
AD8401 AD-AD8401 Datasheet
225Kb / 12P
8-Bit, 4-Channel Data Acquisition System
REV.0
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
AD974BRSZ AD-AD974BRSZ Datasheet
189Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD974 AD-AD974_15 Datasheet
206Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
8-Bit, 4-Channel Data Acquisition System
REV. 0
AD974 AD-AD974_17 Datasheet
237Kb / 21P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com