Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D478 Datasheet (PDF) - Alpha & Omega Semiconductors

D478 Datasheet PDF - Alpha & Omega Semiconductors
Part # D478
Download  D478 Download
File Size   427.66 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

D478 Datasheet (PDF)

Go To PDF Page Download Datasheet
D478 Datasheet PDF - Alpha & Omega Semiconductors

Part # D478
Download  D478 Click to download

File Size   427.66 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

D478 Datasheet (HTML) - Alpha & Omega Semiconductors


D478 Product details

General Description
The AOD478/AOI478 combines advanced trench MOSFET technology with a low resistance package to provide extremely low R DS(ON). This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.

Product Summary
   VDS                                     100V
   ID (at VGS=10V)                  11A
   RDS(ON) (at VGS=10V)    < 140mΩ
   RDS(ON) (at VGS = 4.5V) < 152mΩ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - D478

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D47020U2JH6 VISHAY-D47020U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
D47020U2JH6 VISHAY-D47020U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
D470G20U2JH6.J5R VISHAY-D470G20U2JH6.J5R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
D470G20U2JH6.L2R VISHAY-D470G20U2JH6.L2R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
D470G20U2JH6J5R VISHAY-D470G20U2JH6J5R Datasheet
321Kb / 6P
D Series Narrow Tolerance
07-Jan-10
More results


Similar Description - D478

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
AON6452 AOSMD-AON6452 Datasheet
405Kb / 7P
100V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com