Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8644 Datasheet (PDF) - Analog Devices

AD8644 Datasheet PDF - Analog Devices
Part # AD8644
Download  AD8644 Download
File Size   303.03 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single and Quad 18 V Operational Amplifiers

AD8644 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8644 Datasheet PDF - Analog Devices

Part # AD8644
Download  AD8644 Click to download

File Size   303.03 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single and Quad 18 V Operational Amplifiers

AD8644 Datasheet (HTML) - Analog Devices


AD8644 Product details

GENERAL DESCRIPTION
The AD8614 (single) and AD8644 (quad) are single-supply, 5.5 MHz bandwidth, rail-to-rail amplifiers optimized for LCD monitor applications.

FEATURES
    Unity-gain bandwidth: 5.5 MHz
    Low voltage offset: 1.0 mV
    Slew rate: 7.5 V/μs
    Single-supply operation: 5 V to 18 V
    High output current: 70 mA
    Low supply current: 800 μA/amplifier
    Stable with large capacitive loads
    Rail-to-rail inputs and outputs

APPLICATIONS
    LCD gamma and VCOM drivers
    Modems
    Portable instrumentation
    Direct access arrangement




Similar Part No. - AD8644

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8644 AD-AD8644 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644AR AD-AD8644AR Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644AR AD-AD8644AR Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
REV. B
AD8644AR-REEL AD-AD8644AR-REEL Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644AR-REEL AD-AD8644AR-REEL Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
REV. B
More results


Similar Description - AD8644

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8614 AD-AD8614_07 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Analog Devices
AD8614ARTZ AD-AD8614ARTZ Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
REV. B
AD8644 AD-AD8644_15 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
REV. B
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com