Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4182NGX Datasheet (PDF) - ebm-papst

4182NGX Datasheet PDF - ebm-papst
Part # 4182NGX
Download  4182NGX Download
File Size   131.54 Kbytes
Page   4 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description DC axial compact fan

4182NGX Datasheet (PDF)

Go To PDF Page Download Datasheet
4182NGX Datasheet PDF - ebm-papst

Part # 4182NGX
Download  4182NGX Click to download

File Size   131.54 Kbytes
Page   4 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description DC axial compact fan

4182NGX Datasheet (HTML) - ebm-papst


4182NGX Product details

Technical description
   Impeller material               Glass-fiber reinforced PA plastic
   Weight                               0.390 kg
   Dimensions                       119 x 119 x 38 mm
   Housing material               Die-cast aluminum
   Airflow direction                 Intake over struts
   Direction of rotation           Clockwise, viewed toward rotor
   Storage                              Sintec sleeve bearing
   Service life L10 at 40 °C    85000 h
   Service life L10 at maximum temperature    37500 h
   Cable                                  Flat plug 2.8 x 0.5 mm. Optionally also with wires.
   Motor protection                 Protection against reverse polarity and blocked rotor.
   Approval                             VDE, CSA, UL
   Option                                 Speed signal




Similar Part No. - 4182NGX

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4182NGX EBMPAPST-4182NGX_16 Datasheet
411Kb / 4P
DC axial compact fan
More results


Similar Description - 4182NGX

ManufacturerPart #DatasheetDescription
logo
ebm-papst
252N EBMPAPST-252N Datasheet
282Kb / 3P
DC axial compact fan
255H EBMPAPST-255H Datasheet
289Kb / 4P
DC axial compact fan
412 EBMPAPST-412 Datasheet
311Kb / 4P
DC axial compact fan
414J EBMPAPST-414J Datasheet
314Kb / 4P
DC axial compact fan
3212JH EBMPAPST-3212JH Datasheet
523Kb / 4P
DC axial compact fan
3214JH4 EBMPAPST-3214JH4 Datasheet
523Kb / 4P
DC axial compact fan
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
DC axial compact fan
3314G EBMPAPST-3314G Datasheet
302Kb / 4P
DC axial compact fan
3412NGH EBMPAPST-3412NGH Datasheet
285Kb / 4P
DC axial compact fan
3412NGV EBMPAPST-3412NGV Datasheet
297Kb / 4P
DC axial compact fan
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com