Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT7S60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT7S60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT7S60
Download  AOT7S60 Download
File Size   293.19 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 7A a MOS Power Transistor

AOT7S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT7S60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT7S60
Download  AOT7S60 Click to download

File Size   293.19 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 7A a MOS Power Transistor

AOT7S60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT7S60 Product details

General Description
The AOT7S60 & AOB7S60 & AOTF7S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number:
AOT7S60L & AOB7S60L & AOTF7S60L

Product Summary
   VDS @ Tj,max    700V
   IDM                       33A
   RDS(ON),max     0.6Ω
   Qg,typ                8.2nC
   Eoss @ 400V     1.9µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOT7S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT7S60 ISC-AOT7S60 Datasheet
306Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT7S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB7S65 AOSMD-AOB7S65 Datasheet
308Kb / 7P
650V 7A a MOS Power Transistor
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
600V 20A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
600V 7A a MOS Power Transistor
AOD7S65 AOSMD-AOD7S65 Datasheet
363Kb / 7P
650V 7A a MOS Power Transistor
AOW7S60 AOSMD-AOW7S60 Datasheet
276Kb / 6P
600V 7A a MOS TM Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
650V 7A a MOS TM Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com