| Electronic Components Datasheet Search |
|
HVC10F Datasheet (PDF) - GETAI ELECTRONICS DEVICE CO., LTD |
HVC10F Datasheet (PDF) |
|
Download Datasheet |
| Part # | HVC10F |
| Download | HVC10F Click to download |
| File Size | 72.0 Kbytes |
| Page | 1 Pages |
| Manufacturer | GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD] |
| Direct Link | http://www.hvgtsemi.com |
| Logo | |
| Description | 10kV 200mA HIGH VOLTAGE DIODES |
HVC10F Datasheet (HTML) - GETAI ELECTRONICS DEVICE CO., LTD |
Similar Part No. - HVC10F |
|
Similar Description - HVC10F |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |