Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8514 Datasheet (PDF) - Allegro MicroSystems

A8514 Datasheet PDF - Allegro MicroSystems
Part # A8514
Download  A8514 Download
File Size   1288.48 Kbytes
Page   35 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description The A8514 is a multi-output white LED driver for small-size LCD backlighting.

A8514 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8514 Datasheet PDF - Allegro MicroSystems

Part # A8514
Download  A8514 Click to download

File Size   1288.48 Kbytes
Page   35 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description The A8514 is a multi-output white LED driver for small-size LCD backlighting.

A8514 Datasheet (HTML) - Allegro MicroSystems


A8514 Product details

Description
The A8514 is a multi-output white LED driver for small-size LCD backlighting. It integrates a current-mode boost converter with internal power switch and four current sinks. The boost converter can drive up to 48 LEDs, 12 LEDs per string, at 80 mA. The LED sinks can be paralleled together to achieve even higher LED currents, up to 320 mA. The A8514 can operate with a single power supply, from 5 to 40 V, which allows the part to withstand load dump conditions encountered in automotive systems.

Features and Benefits
• AEC-Q100 Qualified
• Wide input voltage range of 5 to 40 V for start/stop, cold crank and load dump requirements
• Fully integrated LED current sinks and boost converter with 60 V DMOS
• Sync function to synchronize boost converter switching frequency up to 2.3 MHz, allowing operation above the AM band
• Excellent input voltage transient response
• Single resistor primary OVP minimizes VOUT leakage
• Internal secondary OVP for redundant protection
• LED current of 80 mA per channel
• Drives up to 12 series LEDs in 4 parallel strings
• 0.7% to 0.8% LED to LED matching accuracy
• PWM and analog dimming inputs
• 5000:1 PWM dimming at 200 Hz
• Provides driver for external PMOS input disconnect switch
• Extensive protection against:
   ▫ Shorted boost switch or inductor
   ▫ Shorted FSET or ISET resistor
   ▫ Shorted output
   ▫ Open or shorted LED pin
   ▫ Open boost Schottky
   ▫ Overtemperature (OTP)

Applications:
LCD backlighting or LED lighting for:
▫ Automotive infotainment
▫ Automotive cluster
▫ Automotive center stack




Similar Part No. - A8514

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
More results


Similar Description - A8514

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Allegro MicroSystems
A8515 ALLEGRO-A8515 Datasheet
1Mb / 34P
The A8515 is a multi-output white LED (WLED) driver for LCD backlighting in consumer and industrial displays.
A8516 ALLEGRO-A8516 Datasheet
554Kb / 17P
The A8516 is a multi-output WLED/RGB driver for backlighting LCD monitors and televisions.
A8521 ALLEGRO-A8521 Datasheet
1Mb / 35P
The A8521 is a multi-output white LED driver for small-size LCD backlighting.
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com