Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W2465A Datasheet (PDF) - Winbond

W2465A Datasheet PDF - Winbond
Part # W2465A
Download  W2465A Download
File Size   207.47 Kbytes
Page   9 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8K X 8 High Speed CMOS Static RAM

W2465A Datasheet (PDF)

Go To PDF Page Download Datasheet
W2465A Datasheet PDF - Winbond

Part # W2465A
Download  W2465A Click to download

File Size   207.47 Kbytes
Page   9 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8K X 8 High Speed CMOS Static RAM

W2465A Datasheet (HTML) - Winbond


W2465A Product details

GENERAL DESCRIPTION
The W2465A is a high-speed, low-power CMOS static RAM organized as 8192 x 8 bits that operates on a single 5-volt power supply. This device is manufactured using Winbonds high performance CMOS technology.

FEATURES
• High-speed access time: 12/15/20 nS (max.)
• Low-power consumption:
    - Active: 400mW (typ.)
• Single +5V power supply
• Fully static operation
• All inputs and outputs directly TTL compatible
• Three-state outputs
• Available packages: 28-pin 300 mil SOJ and skinny DIP




Similar Part No. - W2465A

ManufacturerPart #DatasheetDescription
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
W2465-10 WINBOND-W2465-10 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
W2465-10L WINBOND-W2465-10L Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
W2465-70 WINBOND-W2465-70 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
W2465-70LL WINBOND-W2465-70LL Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
More results


Similar Description - W2465A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
8K * 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com