Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG1C Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

UG1C Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # UG1C
Download  UG1C Download
File Size   2806.93 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description ULTRAFAST EFFICIENT PLASTIC RECTIFIER

UG1C Datasheet (PDF)

Go To PDF Page Download Datasheet
UG1C Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # UG1C
Download  UG1C Click to download

File Size   2806.93 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description ULTRAFAST EFFICIENT PLASTIC RECTIFIER

UG1C Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


UG1C Product details

50V-200V 1.0A

FEATURES
♦ Plastic package has Underwriters Laboratories
       Flammability Classification 94V-0
♦ Ideally suited for use in very high frequency switching power supplies, inverters and as a free wheeling diode
♦ Ultrafast recovery time for high efficiency
♦ Soft recovery characteristics
♦ Excellent high temperature switching
♦ Glass passivated junction
♦ High temperature soldering guaranteed: 250°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - UG1C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG1C GE-UG1C Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG1C VISHAY-UG1C Datasheet
93Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
Gulf Semiconductor
UG1C GULFSEMI-UG1C Datasheet
84Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?1.0A
logo
Vishay Siliconix
UG1C VISHAY-UG1C Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Nov-09
logo
SUNMATE electronic Co.,...
UG1C SUNMATE-UG1C Datasheet
328Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER DIODES
More results


Similar Description - UG1C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SUF30G GE-SUF30G Datasheet
43Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UF4001 GE-UF4001 Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG1A GE-UG1A Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG2A GE-UG2A Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG30APT GE-UG30APT Datasheet
73Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG8AT GE-UG8AT Datasheet
41Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGB18ACT GE-UGB18ACT Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGF18ACT GE-UGF18ACT Datasheet
84Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
UG4A TAYCHIPST-UG4A Datasheet
2Mb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
SUF30G SHUNYE-SUF30G Datasheet
492Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com