Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8S207SBT6CTR Datasheet (PDF) - STMicroelectronics

STM8S207SBT6CTR Datasheet PDF - STMicroelectronics
Part # STM8S207SBT6CTR
Download  STM8S207SBT6CTR Download
File Size   1558.23 Kbytes
Page   103 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash

STM8S207SBT6CTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8S207SBT6CTR Datasheet PDF - STMicroelectronics

Part # STM8S207SBT6CTR
Download  STM8S207SBT6CTR Click to download

File Size   1558.23 Kbytes
Page   103 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash

STM8S207SBT6CTR Datasheet (HTML) - STMicroelectronics


STM8S207SBT6CTR Product details

Description
The STM8S20xxx performance line 8-bit microcontrollers offer from 32 to 128 Kbytes Flash program memory. They are referred to as high-density devices in the STM8S microcontroller family reference manual.

Features
■ Core
   – Max fCPU: up to 24 MHz, 0 wait states @
      fCPU ≤ 16 MHz
   – Advanced STM8 core with Harvard
      architecture and 3-stage pipeline
   – Extended instruction set
   – Max 20 MIPS @ 24 MHz
■ Memories
   – Program: up to 128 Kbytes Flash; data
      retention 20 years at 55 °C after 10 kcycles
   – Data: up to 2 Kbytes true data EEPROM;
      endurance 300 kcycles
   – RAM: up to 6 Kbytes
■ Clock, reset and supply management
   – 2.95 to 5.5 V operating voltage
   – Low power crystal resonator oscillator
   – External clock input
   – Internal, user-trimmable 16 MHz RC
   – Internal low power 128 kHz RC
   – Clock security system with clock monitor
   – Wait, active-halt, & halt low power modes
   – Peripheral clocks switched off individually
   – Permanently active, low consumption
      power-on and power-down reset
■ Interrupt management
   – Nested interrupt controller with 32
      interrupts
   – Up to 37 external interrupts on 6 vectors
■ Timers
   – 2x 16-bit general purpose timers, with 2+3
      CAPCOM channels (IC, OC or PWM)
   – Advanced control timer: 16-bit, 4 CAPCOM
      channels, 3 complementary outputs, dead
      time insertion and flexible synchronization
   – 8-bit basic timer with 8-bit prescaler
   – Auto wakeup timer
   – Window watchdog, independent watchdog
■ Communications interfaces
   – High speed 1 Mbit/s active beCAN 2.0B
   – UART with clock output for synchronous
      operation - LIN master mode
   – UART with LIN 2.1 compliant, master/slave
      modes and automatic resynchronization
   – SPI interface up to 10 Mbit/s
   – I2C interface up to 400 Kbit/s
■ 10-bit ADC with up to 16 channels
■ I/Os
   – Up to 68 I/Os on an 80-pin package
      including 18 high sink outputs
   – Highly robust I/O design, immune against
      current injection
   – Development support
   – Single wire interface module (SWIM) and
      debug module (DM)
■ 96-bit unique ID key for each device




Similar Part No. - STM8S207SBT6CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S207SBT6CTR STMICROELECTRONICS-STM8S207SBT6CTR Datasheet
1Mb / 103P
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
13-Apr-2010
More results


Similar Description - STM8S207SBT6CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I²C
23-Jun-2008
STM8S207MB STMICROELECTRONICS-STM8S207MB_10 Datasheet
1Mb / 103P
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
13-Apr-2010
STM8S003K3 STMICROELECTRONICS-STM8S003K3 Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes
12-Jun-2012
STM8S103K3 STMICROELECTRONICS-STM8S103K3 Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data
09-Sep-2010
STM8S103F3P3 STMICROELECTRONICS-STM8S103F3P3 Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
09-Sep-2010
STM8S103K3T6C STMICROELECTRONICS-STM8S103K3T6C Datasheet
1Mb / 117P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
26-Jun-2012
STM32F103X8 STMICROELECTRONICS-STM32F103X8_13 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash
14-May-2013
STM8S003F3P6TR STMICROELECTRONICS-STM8S003F3P6TR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI
12-Jun-2012
STM8L051F3P6 STMICROELECTRONICS-STM8L051F3P6 Datasheet
346Kb / 46P
Value line, 8-bit ultralow power MCU, 8-KB Flash
23-Apr-2012
STM32G071C8 STMICROELECTRONICS-STM32G071C8 Datasheet
2Mb / 133P
Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
March 2020 Rev 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com