Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P300K Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

P300K Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # P300K
Download  P300K Download
File Size   4626.97 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description General Purpose Plastic Rectifier

P300K Datasheet (PDF)

Go To PDF Page Download Datasheet
P300K Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # P300K
Download  P300K Click to download

File Size   4626.97 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description General Purpose Plastic Rectifier

P300K Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


P300K Product details

FEATURES
• Low forward voltage drop
• Low leakage current, IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC




Similar Part No. - P300K

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
P300K MIC-P300K Datasheet
93Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
GOOD-ARK Electronics
P300K GOOD-ARK-P300K Datasheet
191Kb / 2P
General Purpose Plastic Rectifiers
logo
Vishay Siliconix
P300K VISHAY-P300K Datasheet
70Kb / 4P
General Purpose Plastic Rectifier
04-Nov-09
logo
SUNMATE electronic Co.,...
P300K SUNMATE-P300K Datasheet
278Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
logo
Vishay Siliconix
P300K VISHAY-P300K Datasheet
71Kb / 4P
General Purpose Plastic Rectifier
14-Sep-2021
More results


Similar Description - P300K

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
General Purpose Plastic Rectifier
23-Feb-11
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
P600A VISHAY-P600A_15 Datasheet
80Kb / 5P
General Purpose Plastic Rectifier
13-Aug-13
logo
Shanghai Leiditech Elec...
1N5406G LEIDITECH-1N5406G Datasheet
385Kb / 2P
General Purpose Plastic Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com