Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBP02 Datasheet (PDF) - Shanghai Sunrise Electronics

KBP02 Datasheet PDF - Shanghai Sunrise Electronics
Part # KBP02
Download  KBP02 Download
File Size   14.86 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SINGLE PHASE SILICON BRIDGE RECTIFIER

KBP02 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBP02 Datasheet PDF - Shanghai Sunrise Electronics

Part # KBP02
Download  KBP02 Click to download

File Size   14.86 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SINGLE PHASE SILICON BRIDGE RECTIFIER

KBP02 Datasheet (HTML) - Shanghai Sunrise Electronics


KBP02 Product details

VOLTAGE: 50 TO 1000V CURRENT: 2.0A

FEATURES
• Ideal for printed circuit board
• Surge overload rating: 60 A peak
• High case dielectric strength
• High temperature soldering guaranteed:
   250°C/10sec/0.375"(9.5mm) lead length
   at 5 lbs tension




Similar Part No. - KBP02

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
KBP02 CHENYI-KBP02 Datasheet
156Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
KBP02 CHENYI-KBP02 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
KBP02 CHENYI-KBP02 Datasheet
134Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBP02 DCCOM-KBP02 Datasheet
381Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
KBP02 GOOD-ARK-KBP02 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Similar Description - KBP02

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com