Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8542 Datasheet (PDF) - Sipex Corporation

SP8542 Datasheet PDF - Sipex Corporation
Part # SP8542
Download  SP8542 Download
File Size   219.19 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Two and Four Channel 12-Bit Multiplexed Sampling ADCs

SP8542 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8542 Datasheet PDF - Sipex Corporation

Part # SP8542
Download  SP8542 Click to download

File Size   219.19 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Two and Four Channel 12-Bit Multiplexed Sampling ADCs

SP8542 Datasheet (HTML) - Sipex Corporation


SP8542 Product details

DESCRIPTION
TheSP8542(2 channel) andSP8544(4 channel) are 12-Bit serial in/out data acquisition systems with a bi-directional serial interface. The devices contain a high speed 12-Bit analog to digital converter, internal reference, and a 2 or 4 channel input mux which drives the internal sample/hold circuitry. The SP8542 is available in 16-pin PDIP and SOIC packages, and the SP8544 is available in 18-pin PDIP and SOIC packages, specified over Commercial and Industrial temperature ranges.

■ Two or Four Channel Input Mux
■ 12 Bit Resolution
■ Single +5Volt Supply
■ Internal 1.25 Volt Reference
■ Unipolar 0 to +2.5 Volt Input Range
■ Fast, 3.75 µs Conversion Time per Channel
■ Fast Power Shutdown/Turn-On Mode
■ 3-Wire Synchronous Serial High Speed Interface
■ 2µA Shutdown Mode (10µW)
■ Low Power CMOS 42mW typical




Similar Part No. - SP8542

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SP85 AMPHENOL-SP85 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
SP85-A-A-202 AMPHENOL-SP85-A-A-202 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
SP85-A-B-202 AMPHENOL-SP85-A-B-202 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
SP85-A-D-202 AMPHENOL-SP85-A-D-202 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
SP85-A-E-202 AMPHENOL-SP85-A-E-202 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
More results


Similar Description - SP8542

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
331Kb / 20P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV.B
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1852 LINER-LTC1852 Datasheet
247Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Analog Devices
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
logo
Linear Technology
LTC1850 LINER-LTC1850_15 Datasheet
293Kb / 28P
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1851 LINER-LTC1851_15 Datasheet
293Kb / 28P
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853 LINER-LTC1853_15 Datasheet
245Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com