Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK20DN512VLK10 Datasheet (PDF) - Freescale Semiconductor, Inc

MK20DN512VLK10 Datasheet PDF - Freescale Semiconductor, Inc
Part # MK20DN512VLK10
Download  MK20DN512VLK10 Download
File Size   1813.89 Kbytes
Page   71 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description K20 Sub-Family

MK20DN512VLK10 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK20DN512VLK10 Datasheet PDF - Freescale Semiconductor, Inc

Part # MK20DN512VLK10
Download  MK20DN512VLK10 Click to download

File Size   1813.89 Kbytes
Page   71 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description K20 Sub-Family

MK20DN512VLK10 Datasheet (HTML) - Freescale Semiconductor, Inc


MK20DN512VLK10 Product details

Description
Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received.

Features
• Operating Characteristics
    – Voltage range: 1.71 to 3.6 V
    – Flash write voltage range: 1.71 to 3.6 V
    – Temperature range (ambient): -40 to 105°C
• Performance
    – Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
• Memories and memory interfaces
    – Up to 512 KB program flash memory on nonFlexMemory devices
    – Up to 128 KB RAM
    – Serial programming interface (EzPort)
    – FlexBus external bus interface
• Clocks
    – 3 to 32 MHz crystal oscillator
    – 32 kHz crystal oscillator
    – Multi-purpose clock generator
• System peripherals
    – Multiple low-power modes to provide power optimization based on application requirements
    – Memory protection unit with multi-master protection
    – 16-channel DMA controller, supporting up to 63 request sources
    – External watchdog monitor
    – Software watchdog
    – Low-leakage wakeup unit
• Security and integrity modules
    – Hardware CRC module to support fast cyclic redundancy checks
    – 128-bit unique identification (ID) number per chip
• Analog modules
    – Two 16-bit SAR ADCs
    – Programmable gain amplifier (PGA) (up to x64) integrated into each ADC
    – 12-bit DAC
    – Two transimpedance amplifiers
    – Three analog comparators (CMP) containing a 6-bit DAC and programmable reference input
    – Voltage reference
• Timers
    – Programmable delay block
    – Eight-channel motor control/general purpose/PWM timer
    – Two 2-channel quadrature decoder/general purpose timers
    – Periodic interrupt timers
    – 16-bit low-power timer
    – Carrier modulator transmitter
    – Real-time clock
• Communication interfaces
    – USB full-/low-speed On-the-Go controller with onchip transceiver
    – Two Controller Area Network (CAN) modules
    – Two SPI modules
    – Two I2C modules
    – Four UART modules
    – Secure Digital host controller (SDHC)
    – I2S module




Similar Part No. - MK20DN512VLK10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK20DN512VLK10 NXP-MK20DN512VLK10 Datasheet
1Mb / 78P
K20 Sub-Family
Rev. 4, 09/2017
More results


Similar Description - MK20DN512VLK10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K20P48M50SF0 FREESCALE-K20P48M50SF0 Datasheet
1Mb / 60P
K20 Sub-Family
K20P64M50SF0 FREESCALE-K20P64M50SF0 Datasheet
1Mb / 62P
K20 Sub-Family
K20P144M120SF3_1210 FREESCALE-K20P144M120SF3_1210 Datasheet
1Mb / 86P
K20 Sub-Family
logo
NXP Semiconductors
K20P64M50SF0 NXP-K20P64M50SF0 Datasheet
2Mb / 62P
K20 Sub-Family
Rev. 4 5/2012
K20P81M72SF1 NXP-K20P81M72SF1 Datasheet
2Mb / 71P
K20 Sub-Family
Rev. 3, 11/2012
K20P100M72SF1 NXP-K20P100M72SF1 Datasheet
2Mb / 73P
K20 Sub-Family
Rev. 3, 11/2012
K20P121M100SF2 NXP-K20P121M100SF2 Datasheet
2Mb / 75P
K20 Sub-Family
Rev. 7, 02/2013
K20P121M100SF2V2 NXP-K20P121M100SF2V2 Datasheet
1Mb / 80P
K20 Sub-Family
Rev. 3, 6/2013
K20P144M100SF2V2 NXP-K20P144M100SF2V2 Datasheet
1Mb / 82P
K20 Sub-Family
Rev. 3, 6/2013
K20P144M120SF3 NXP-K20P144M120SF3 Datasheet
1Mb / 83P
K20 Sub-Family
Rev. 7, 02/2018
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com