Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11136 Datasheet (PDF) - Maxim Integrated Products

MAX11136 Datasheet PDF - Maxim Integrated Products
Part # MAX11136
Download  MAX11136 Download
File Size   3854.13 Kbytes
Page   40 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs

MAX11136 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11136 Datasheet PDF - Maxim Integrated Products

Part # MAX11136
Download  MAX11136 Click to download

File Size   3854.13 Kbytes
Page   40 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs

MAX11136 Datasheet (HTML) - Maxim Integrated Products


MAX11136 Product details

General Description
The MAX11135–MAX11143 are 12-/10-/8-bit with external reference and industry-leading 1.5MHz, full linear bandwidth, high speed, low-power, serial output successive-approximation register (SAR) analog-to-digital converters (ADCs). The MAX11135–MAX11143 include both internal and external clock modes. These devices feature scan mode in both internal and external clock modes. The internal clock mode features internal averaging to increase SNR. The external clock mode features the SampleSetK technology, a user-programmable analog input channel sequencer. The SampleSet approach provides greater sequencing flexibility for multichannel applications while alleviating significant microcontroller or DSP (controlling unit) communication overhead.

Benefits and Features
◆ Scan Modes, Internal Averaging, and Internal Clock
◆ 16-Entry First-In/First-Out (FIFO)
◆ SampleSet: User-Defined Channel Sequence with Maximum Length of 256
◆ Analog Multiplexer with True Differential Track/Hold
    ◇ 16-/8-/4-Channel Single-Ended
    ◇ 8-/4-/2-Channel Fully-Differential Pairs
    ◇ 15-/8-/4-Channel Pseudo-Differential Relative to a Common Input
◆ Two Software-Selectable Bipolar Input Ranges
    ◇ QVREF+/2, QVREF+
◆ Flexible Input Configuration Across All Channels
◆ High Accuracy
    ◇ Q1 LSB INL, Q1 LSB DNL, No Missing Codes Over Temperature Range
◆ 70dB SINAD Guaranteed at 250kHz Input Frequency
◆ 1.5V to 3.6V Wide Range I/O Supply
    ◇ Allows the Serial Interface to Connect Directly to 1.8V, 2.5V, or 3.3V Digital Systems
◆ 2.35V to 3.6V Supply Voltage
◆ Longer Battery Life for Portable Applications
    ◇ Low Power
    ◇ 4.2mW at 500ksps with 3V Supplies
    ◇ 2µA Full-Shutdown Current
◆ External Differential Reference (1V to VDD)
◆ 8MHz, 3-Wire SPI-/QSPI-/MICROWIRE-/DSPCompatible Serial Interface
◆ Wide -40NC to +125NC Operation
◆ Space-Saving, 28-Pin, 5mm x 5mm TQFN Packages
◆ 500ksps Conversion Rate, No Pipeline Delay
◆ 12-/10-/8-Bit Resolution

Applications
    High-Speed Data Acquisition Systems
    High-Speed Closed-Loop Systems
    Industrial Control Systems
    Medical Instrumentation
    Battery-Powered Instruments
    Portable Systems




Similar Part No. - MAX11136

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11136 MAXIM-MAX11136 Datasheet
3Mb / 40P
500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11136ATI+ MAXIM-MAX11136ATI+ Datasheet
3Mb / 40P
500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
More results


Similar Description - MAX11136

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com