Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2904D Datasheet (PDF) - Tiger Electronic Co.,Ltd

LM2904D Datasheet PDF - Tiger Electronic Co.,Ltd
Part # LM2904D
Download  LM2904D Download
File Size   892.3 Kbytes
Page   8 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description LOW POWER DUAL OPERATIONAL AMPLIFIER

LM2904D Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2904D Datasheet PDF - Tiger Electronic Co.,Ltd

Part # LM2904D
Download  LM2904D Click to download

File Size   892.3 Kbytes
Page   8 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description LOW POWER DUAL OPERATIONAL AMPLIFIER

LM2904D Datasheet (HTML) - Tiger Electronic Co.,Ltd


LM2904D Product details

DESCRIPTION

The LM2904 consists of two independent, high gain, internally frequency compensated operational amplifiers which were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage.



FEATURES

• Internally frequency compensated for unity gain

• Large dc voltage gain: 100 dB

• Wide bandwidth (unity gain): 1 MHz (temperature compensated)

• Wide power supply range:

   — Single supply: 3V to 32V

   — or dual supplies: ±1.5V to ±16V

• Very low supply current drain (500 µA)—essentially independent of supply voltage.

• Low input offset voltage: 2 mV

• Input common-mode voltage range includes ground

• Differential input voltage range equal to the power supply voltage

• Large output voltage swing: 0V to V+- 1.5V



 




Similar Part No. - LM2904D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2904D MOTOROLA-LM2904D Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM2904D ONSEMI-LM2904D Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM2904D PHILIPS-LM2904D Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
Texas Instruments
LM2904D TI-LM2904D Datasheet
452Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
LM2904D TI-LM2904D Datasheet
459Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
More results


Similar Description - LM2904D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com