Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR604 Datasheet (PDF) - Tiger Electronic Co.,Ltd

FR604 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # FR604
Download  FR604 Download
File Size   28.73 Kbytes
Page   2 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 6.0AMP FAST RECOVERY RECTIFIERS

FR604 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR604 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # FR604
Download  FR604 Click to download

File Size   28.73 Kbytes
Page   2 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 6.0AMP FAST RECOVERY RECTIFIERS

FR604 Datasheet (HTML) - Tiger Electronic Co.,Ltd


FR604 Product details

VOLTAGE RANGE: 50 to 1000 VOLTS

FEATURES
• Low cost
• Diffused junction
• Low Leakage
• Low forward voltage drop
• High current capability
• Easily cleaned with Freon. Alcohol. Lsopropanol and similar solvents
• The plastic material carries U/L recognition 94V-O




Similar Part No. - FR604

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR604 WTE-FR604 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR604 RECTRON-FR604 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Jinan Gude Electronic D...
FR604 JGD-FR604 Datasheet
144Kb / 2P
6.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Bytes
FR604 BYTES-FR604 Datasheet
152Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR604 DCCOM-FR604 Datasheet
414Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results


Similar Description - FR604

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF61R SECOS-SF61R Datasheet
183Kb / 2P
6.0AMP Super Fast Rectifiers
FR601G SECOS-FR601G_15 Datasheet
244Kb / 2P
6.0Amp Glass Passivated Fast Recovery Rectifiers
S6GBJ20 SECOS-S6GBJ20_15 Datasheet
217Kb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
S6GBU20 SECOS-S6GBU20_15 Datasheet
225Kb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
SM620D SECOS-SM620D_15 Datasheet
272Kb / 2P
6.0Amp. Schottky Barrier Rectifiers
S6GBJ20-C SECOS-S6GBJ20-C Datasheet
217Kb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
FR601G SECOS-FR601G Datasheet
244Kb / 2P
Voltage 50 ~ 1000 V 6.0Amp Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU6005 YIXIN-GBU6005 Datasheet
1Mb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com