Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP10C Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

EGP10C Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # EGP10C
Download  EGP10C Download
File Size   122.03 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Ultra-Fast Recover Rectifiers Reverse Voltage 50 to 400V Forward Current 1.0A

EGP10C Datasheet (PDF)

Go To PDF Page Download Datasheet
EGP10C Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # EGP10C
Download  EGP10C Click to download

File Size   122.03 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Ultra-Fast Recover Rectifiers Reverse Voltage 50 to 400V Forward Current 1.0A

EGP10C Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


EGP10C Product details

Reverse Voltage 50 to 400V

Forward Current 1.0A



Features

• Low reverse leakage

• High forward surge capability

• High temperature soldering guaranteed: 260℃/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension

• Lead and body according with RoHS standard



 




Similar Part No. - EGP10C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
EGP10C FAIRCHILD-EGP10C Datasheet
36Kb / 3P
1.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
General Semiconductor
EGP10C GE-EGP10C Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
EGP10C BILIN-EGP10C Datasheet
90Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Vishay Siliconix
EGP10C VISHAY-EGP10C Datasheet
103Kb / 4P
Glass Passivated Ultrafast Rectifier
20-Aug-07
logo
Silicon Standard Corp.
EGP10C SSC-EGP10C Datasheet
278Kb / 3P
Glass Passivated Junction Fast Efficient Rectifiers
More results


Similar Description - EGP10C

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N4933 DACHANG-1N4933 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
1N4933G DACHANG-1N4933G Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
EGP20A DACHANG-EGP20A Datasheet
122Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 2.0A
EGP30A DACHANG-EGP30A Datasheet
121Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 3.0A
ER100 DACHANG-ER100 Datasheet
121Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
FR101 DACHANG-FR101 Datasheet
124Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
FR101G DACHANG-FR101G Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001 DACHANG-UF4001 Datasheet
121Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com