Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25X16BV Datasheet (PDF) - Winbond

W25X16BV Datasheet PDF - Winbond
Part # W25X16BV
Download  W25X16BV Download
File Size   1638.56 Kbytes
Page   47 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI

W25X16BV Datasheet (PDF)

Go To PDF Page Download Datasheet
W25X16BV Datasheet PDF - Winbond

Part # W25X16BV
Download  W25X16BV Click to download

File Size   1638.56 Kbytes
Page   47 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI

W25X16BV Datasheet (HTML) - Winbond


W25X16BV Product details

1. GENERAL DESCRIPTION

The W25X16BV (16M-bit) Serial Flash memory provides a storage solution for systems with limited space, pins and power. The 25X series offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code download applications as well as storing voice, text and data. The devices operate on a single 2.7V to 3.6V power supply with current consumption as low as 4mA active and 1µA for power-down. All devicesare offered in space-saving packages. 



2.  FEATURES

Family of Serial Flash Memories

    – W25X16BV: 16M-bit / 2M-byte (2,097,152)

    – 256-bytes per programmable page

    – Uniform 4K-byte Sectors / 64K-byte Blocks

SPI with Single or Dual Outputs

    – Clock, Chip Select, Data I/O, Data Out

    – Optional Hold function for SPI flexibility

Data Transfer up to 208M-bits / second

    – Clock operation to 104MHz

    – Fast Read Dual Output instruction

    – Auto-increment Read capability

Software and Hardware Write Protection

    – Write-Protect all or portion of memory

    – Enable/Disable protection with /WP pin

    – Top or bottom array protection

Flexible Architecture with 4KB sectors

    – Sector Erase (4K-bytes)

    – Block Erase (32K and 64K-byte)

    – Page program up to 256 bytes <1ms

    –More than 100,000 erase/write cycles

    – More than 20-year retention

Low Power Consumption, Wide Temperature Range 

    – Single 2.7 to 3.6V supply

    – 4mA active current, 1µA Power-down (typ)

    – -40° to +85°C operating range

Space Efficient Packaging

    – 8-pin SOIC 150-mil(2)

    – 8-pin SOIC 208-mil

    – 8-pad WSON 6x5-mm

    – 8-pin PDIP 300-mil

    – 16-pin SOIC 300-mil




Similar Part No. - W25X16BV

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X16 WINBOND-W25X16 Datasheet
1Mb / 47P
16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16A WINBOND-W25X16A Datasheet
1Mb / 50P
16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16A WINBOND-W25X16A Datasheet
1Mb / 48P
16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16ALDAIZ WINBOND-W25X16ALDAIZ Datasheet
1Mb / 50P
16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16ALSFIG WINBOND-W25X16ALSFIG Datasheet
1Mb / 50P
16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Similar Description - W25X16BV

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X16 WINBOND-W25X16 Datasheet
1Mb / 47P
16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X16 WINBOND-W25X16_08 Datasheet
1Mb / 50P
16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16A WINBOND-W25X16A Datasheet
1Mb / 48P
16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32A WINBOND-W25X32A Datasheet
1Mb / 45P
32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32BV WINBOND-W25X32BV Datasheet
1Mb / 45P
32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X64BV WINBOND-W25X64BV Datasheet
1Mb / 43P
64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com