Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC227 Datasheet (PDF) - MPS Industries, Inc.

ADC227 Datasheet PDF - MPS Industries, Inc.
Part # ADC227
Download  ADC227 Download
File Size   174.51 Kbytes
Page   2 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 1W, High Isolation SIP, Single & Dual Output DC/DC Converters

ADC227 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC227 Datasheet PDF - MPS Industries, Inc.

Part # ADC227
Download  ADC227 Click to download

File Size   174.51 Kbytes
Page   2 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 1W, High Isolation SIP, Single & Dual Output DC/DC Converters

ADC227 Datasheet (HTML) - MPS Industries, Inc.


ADC227 Product details

MPS Industries ADC200 1W DC/DCs are specially designed to provide high levels of isolation 3000VDC in a miniature SIP package.
The series consists of 27 models with input voltages of 5V, 12V and 24VDC which offers standard output voltages of 3.3V, 5V, 9V, 12V, 15V, ±5V, ±9V, ±12V and ±15VDC for a wide choice.
The ADC200 series is an excellent selection for a variety of applications including distributed power systems, mixed analog/digital subsystems, portable test equipments, local power networks and battery backed systems.

Key Features
• Efficiency up to 81%
• 3000VDC Isolation
• MTBF > 2,000,000 Hours
• Low Cost
• Input 5, 12 and 24VDC
• Output 3.3, 5, 9, 12, 15, ±5, ±9, ±12 and ±15VDC
• Temperature Performance -40°C to +85°C
• UL 94V-0 Package Material
• Internal SMD Construction
• Industry Standard Pinout




Similar Part No. - ADC227

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ADC20013 ANADIGICS-ADC20013 Datasheet
49Kb / 4P
950 - 2050 MHz DBS Tuner IC
Rev. 8
logo
List of Unclassifed Man...
ADC202-12 ETC2-ADC202-12 Datasheet
109Kb / 2P
Automatic Door Controller for DC Motors
ADC202-24 ETC2-ADC202-24 Datasheet
109Kb / 2P
Automatic Door Controller for DC Motors
logo
DATEL, Inc.
ADC207-MC DATEL-ADC207-MC Datasheet
102Kb / 1P
CMOS Flash A/D
ADC207-MC DATEL-ADC207-MC Datasheet
102Kb / 1P
CMOS Flash A/D
More results


Similar Description - ADC227

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
High Isolation, 2W SIP Single & Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com