Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD635 Datasheet (PDF) - Inchange Semiconductor Company Limited

BD635 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BD635
Download  BD635 Download
File Size   246.22 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BD635 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD635 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BD635
Download  BD635 Click to download

File Size   246.22 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BD635 Datasheet (HTML) - Inchange Semiconductor Company Limited


BD635 Product details

DESCRIPTION

·DC Current Gain -: hFE = 40(Min.)@ IC= 25mA

·Collector-Emitter Breakdown Voltage-: V(BR)CEO= 60V(Min.)

·Complement to Type BD636





APPLICATIONS

·Designed for amplifier and switching applications.




Similar Part No. - BD635

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BD635 NJSEMI-BD635 Datasheet
123Kb / 2P
Silicon NPN Power Transistor
logo
Rohm
BD63510EFV ROHM-BD63510EFV Datasheet
1Mb / 25P
CLK-IN drive mode
BD63511EFV ROHM-BD63511EFV Datasheet
1Mb / 17P
High-performance, High-reliability 36V Withstand Voltage
Rev.002
BD63511EFV-EVK-001 ROHM-BD63511EFV-EVK-001 Datasheet
1Mb / 17P
High-performance, High-reliability 36V Withstand Voltage
Rev.002
BD63520AEFV ROHM-BD63520AEFV Datasheet
1Mb / 27P
Micro step 36V Stepping Motor Drivers
More results


Similar Description - BD635

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com