Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD545 Datasheet (PDF) - Inchange Semiconductor Company Limited

BD545 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BD545
Download  BD545 Download
File Size   256.75 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BD545 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD545 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BD545
Download  BD545 Click to download

File Size   256.75 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BD545 Datasheet (HTML) - Inchange Semiconductor Company Limited


BD545 Product details

DESCRIPTION
• Collector Current -IC= 15A
• Collector-Emitter Breakdown Voltage-
    : V(BR)CEO = 40V(Min)- BD545; 60V(Min)- BD545A
                            80V(Min)- BD545B; 100V(Min)- BD545C
• Complement to Type BD546/A/B/C

APPLICATIONS
• Designed for use in general purpose power amplifier and switching applications




Similar Part No. - BD545

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD545 POINN-BD545 Datasheet
88Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD545 BOURNS-BD545 Datasheet
104Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD545 NJSEMI-BD545 Datasheet
87Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Rohm
BD5451EFV ROHM-BD5451EFV Datasheet
156Kb / 5P
Silicon Semiconductor integrated circuits
BD5451EFV ROHM-BD5451EFV Datasheet
694Kb / 35P
Class-D Speaker Amplifier for Digital Input
More results


Similar Description - BD545

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com