Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3690 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC3690 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC3690
Download  2SC3690 Download
File Size   253.82 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SC3690 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3690 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC3690
Download  2SC3690 Click to download

File Size   253.82 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SC3690 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC3690 Product details

DESCRIPTION
• Low Collector Saturation Voltage : VCE(sat)= 0.5V(Max)@ IC= 3A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS)= 60V (Min)
• High Switching Speed

APPLICATIONS
• Designed for high speed and power switching applications




Similar Part No. - 2SC3690

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC3691 ETC-2SC3691 Datasheet
27Kb / 1P
Silicon NPN Transistors
logo
Inchange Semiconductor ...
2SC3691 ISC-2SC3691 Datasheet
194Kb / 3P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC3691 SAVANTIC-2SC3691 Datasheet
125Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3691 JMNIC-2SC3691 Datasheet
309Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3691 SAVANTIC-2SC3691 Datasheet
127Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SC3690

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com