Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1503S Datasheet (PDF) - Inchange Semiconductor Company Limited

B1503S Datasheet PDF - Inchange Semiconductor Company Limited
Part # B1503S
Download  B1503S Download
File Size   249.41 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

B1503S Datasheet (PDF)

Go To PDF Page Download Datasheet
B1503S Datasheet PDF - Inchange Semiconductor Company Limited

Part # B1503S
Download  B1503S Click to download

File Size   249.41 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

B1503S Datasheet (HTML) - Inchange Semiconductor Company Limited


B1503S Product details

DESCRIPTION

·High DC Current Gain-

   : hFE= 5000(Min)@IC= -7A

·Low-Collector Saturation Voltage-

   : VCE(sat)= -2.5V(Max.)@IC= -7A

·Complement to Type 2SD2276



APPLICATIONS

·Designed for power amplifier applications

·Optimum for 110W HiFi output applications.



 




Similar Part No. - B1503S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1503ERU MPD-B1503ERU Datasheet
248Kb / 2P
B1500ERU SERIES
B1503ERW MPD-B1503ERW Datasheet
233Kb / 2P
Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
B1503RU MPD-B1503RU Datasheet
264Kb / 2P
Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
B1503RU MPD-B1503RU Datasheet
272Kb / 2P
B1500RU SERIES
B1503RW MPD-B1503RW Datasheet
265Kb / 2P
Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
More results


Similar Description - B1503S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com