Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3716 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N3716 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N3716
Download  2N3716 Download
File Size   132.4 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

2N3716 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3716 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N3716
Download  2N3716 Click to download

File Size   132.4 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

2N3716 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N3716 Product details

DESCRIPTION
• DC Current Gain- : hFE= 50-150@IC= 1A
• Wide Area of Safe Operation
• Low Collector Saturation Voltage- : VCE(sat)= 0.8V(Max.)@ IC= 5A
• Complement to Type 2N3791/3792

APPLICATIONS
• Designed for medium-speed switching and amplifier applications




Similar Part No. - 2N3716

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3716 MOSPEC-2N3716 Datasheet
125Kb / 3P
POWER TRANSISTORS(10A,150W)
logo
Motorola, Inc
2N3716 MOTOROLA-2N3716 Datasheet
272Kb / 6P
10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
logo
Boca Semiconductor Corp...
2N3716 BOCA-2N3716 Datasheet
132Kb / 3P
SILICON NPN POWER TRANSISTORS
logo
Seme LAB
2N3716 SEME-LAB-2N3716 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Microsemi Corporation
2N3716 MICROSEMI-2N3716 Datasheet
64Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
More results


Similar Description - 2N3716

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com