| Electronic Components Datasheet Search |
|
D240SC4M Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd |
D240SC4M Datasheet (PDF) |
|
Download Datasheet |
| Part # | D240SC4M |
| Download | D240SC4M Click to download |
| File Size | 16.78 Kbytes |
| Page | 1 Pages |
| Manufacturer | SHINDENGEN [Shindengen Electric Mfg.Co.Ltd] |
| Direct Link | http://www.shindengen.co.jp/ |
| Logo | |
| Description | Schottky Rectifiers (SBD) (40V 240A) |
D240SC4M Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd |
D240SC4M Product details |
|
Similar Part No. - D240SC4M |
|
Similar Description - D240SC4M |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |