Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC856 Datasheet (PDF) - Diotec Semiconductor

BC856 Datasheet PDF - Diotec Semiconductor
Part # BC856
Download  BC856 Download
File Size   99.51 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount General Purpose Si-Epi-Planar Transistors

BC856 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC856 Datasheet PDF - Diotec Semiconductor

Part # BC856
Download  BC856 Click to download

File Size   99.51 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount General Purpose Si-Epi-Planar Transistors

BC856 Datasheet (HTML) - Diotec Semiconductor


BC856 Product details

• Power dissipation                      250 mW
• Plastic case                              SOT-23(TO-236)
• Weight approx.                          0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - BC856

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856 PHILIPS-BC856 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Fairchild Semiconductor
BC856 FAIRCHILD-BC856 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
General Semiconductor
BC856 GE-BC856 Datasheet
231Kb / 6P
Small Signal Transistors (PNP)
logo
KEC(Korea Electronics)
BC856 KEC-BC856 Datasheet
247Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC856 AUK-BC856 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
More results


Similar Description - BC856

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT4403 DIOTEC-MMBT4403 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC817 DIOTEC-BC817_07 Datasheet
116Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCW29 DIOTEC-BCW29_07 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCW31 DIOTEC-BCW31_07 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCP54 DIOTEC-BCP54_07 Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC856W DIOTEC-BC856W_07 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC846W DIOTEC-BC846W_11 Datasheet
98Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_07 Datasheet
111Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_15 Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5551 DIOTEC-MMBT5551_15 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com