Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ05SZ1 Datasheet (PDF) - Sharp Corporation

PQ05SZ1 Datasheet PDF - Sharp Corporation
Part # PQ05SZ1
Download  PQ05SZ1 Download
File Size   53.24 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)

PQ05SZ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ05SZ1 Datasheet PDF - Sharp Corporation

Part # PQ05SZ1
Download  PQ05SZ1 Click to download

File Size   53.24 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)

PQ05SZ1 Datasheet (HTML) - Sharp Corporation


PQ05SZ1 Product details

Low Power-Loss Voltage Regulators



■ Features

• Low power-loss (Dropout voltage : MAX. 0.5V)

• Surface mount type package (Equivalent to SC-63)

• Built-in a function to prevent reverse voltage between input and output

   The diode to prevent reverse voltage between input and output is not necessary. (When VO-I=<13V)



■ Applications

• Portable equipment

• Notebook PC



 




Similar Part No. - PQ05SZ1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ050DNA1ZPH SHARP-PQ050DNA1ZPH Datasheet
172Kb / 6P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ050DZ01ZP SHARP-PQ050DZ01ZP Datasheet
46Kb / 3P
Low Power-Loss Voltage Regulator
PQ050DZ01ZZ SHARP-PQ050DZ01ZZ Datasheet
46Kb / 3P
Low Power-Loss Voltage Regulator
PQ050ES1MXP SHARP-PQ050ES1MXP Datasheet
39Kb / 3P
Low Power-Loss Voltage Regulator
PQ050ES3MXP SHARP-PQ050ES3MXP Datasheet
39Kb / 3P
Low Power-Loss Voltage Regulator
More results


Similar Description - PQ05SZ1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
Low Power Loss Voltage Regulators
logo
Sharp Corporation
PQ05RB11 SHARP-PQ05RB11 Datasheet
33Kb / 4P
Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
PQ05RG1 SHARP-PQ05RG1 Datasheet
46Kb / 6P
Low Power-Loss Voltage RegulatorsBuilt-in Reverse Voltage Protection Function Between Input and Output
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05RR12 SHARP-PQ05RR12 Datasheet
39Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
Low Power-Loss Voltage Regulators
logo
Sharp Corporation
PQ12RF2V SHARP-PQ12RF2V Datasheet
91Kb / 8P
Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
Low Power-Loss Voltage Regulators
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
Low Power-Loss Voltage Regulators
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com