Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM15T36AY/CAY Datasheet (PDF) - STMicroelectronics

SM15T36AY/CAY Datasheet PDF - STMicroelectronics
Part # SM15T36AY/CAY
Download  SM15T36AY/CAY Download
File Size   171.61 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1500 W Transil

SM15T36AY/CAY Datasheet (PDF)

Go To PDF Page Download Datasheet
SM15T36AY/CAY Datasheet PDF - STMicroelectronics

Part # SM15T36AY/CAY
Download  SM15T36AY/CAY Click to download

File Size   171.61 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1500 W Transil

SM15T36AY/CAY Datasheet (HTML) - STMicroelectronics


SM15T36AY/CAY Product details

Description
The SM15TY Transil series has been designed to protect sensitive automotive circuits against surges defined in ISO 7637-2 and against electrostatic discharges according to ISO 10605.
The Planar technology makes it compatible with high-end circuits where low leakage current and high junction temperature are required to provide reliability and stability over time. SM15TY are packaged in SMC (SMC footprint in accordance with IPC 7531 standard).

Features
■ Peak pulse power:
   – 1500 W (10/1000 µs)
   – 10 kW (8/20 µs)
■ Stand-off voltage range: from 5.8 V to 70 V
■ Unidirectional and bidirectional types
■ Low leakage current:
   – 0.2 µA at 25 °C
   – 1 µA at 85 °C
■ Operating Tj max: 150 °C
■ High power capability at Tjmax:
   – 1250 W (10/1000 µs)
■ JEDEC registered package outline
■ Resin meets UL 94, V0
■ AEC-Q101 qualified

Complies with the following standards
■ ISO 10605, C = 150 pF - R = 330 Ω:
   – 30 kV (air discharge)
   – 30 kV (contact discharge)
■ ISO 10605 - C = 330 pF, R = 330 Ω:
   – 30 kV (air discharge)
   – 30 kV (contact discharge)
■ ISO 7637-2(a)
   – Pulse 1: VS = -100 V
   – Pulse 2a: VS = +50 V
   – Pulse 3a: VS = -150 V
   – Pulse 3b: VS = +100 V




Similar Part No. - SM15T36AY/CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T36AY STMICROELECTRONICS-SM15T36AY Datasheet
227Kb / 12P
Automotive 1500 W Transil
27-Mar-2012
More results


Similar Description - SM15T36AY/CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
Automotive 600 W Transil
15-Sep-2010
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
Automotive 1500 W Transil
27-Mar-2012
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
Automotive 600 W Transil?
27-Mar-2012
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
Automotive 600 W Transil
19-Nov-2014
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
Automotive 600 W Transil
19-Nov-2014
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
Automotive 600 W Transil
09-Apr-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com