Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2148 Datasheet (PDF) - NXP Semiconductors

LPC2148 Datasheet PDF - NXP Semiconductors
Part # LPC2148
Download  LPC2148 Download
File Size   258.25 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description ARM7-based microcontrollers with full-speed USB 2.0

LPC2148 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC2148 Datasheet PDF - NXP Semiconductors

Part # LPC2148
Download  LPC2148 Click to download

File Size   258.25 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description ARM7-based microcontrollers with full-speed USB 2.0

LPC2148 Datasheet (HTML) - NXP Semiconductors


LPC2148 Product details

General description
The LPC2141/42/44/46/48 microcontrollers are based on a 16-bit/32-bit ARM7TDMI-S CPU with real-time emulation and embedded trace support, that combine the microcontroller with embedded high-speed flash memory ranging from 32 kB to 512 kB. A 128-bit wide memory interface and a unique accelerator architecture enable 32-bit code execution at the maximum clock rate. For critical code size applications, the alternative 16-bit Thumb mode reduces code by more than 30 % with minimal performance penalty.
Due to their tiny size and low power consumption, LPC2141/42/44/46/48 are ideal for applications where miniaturization is a key requirement, such as access control and point-of-sale. Serial communications interfaces ranging from a USB 2.0 Full-speed device, multiple UARTs, SPI, SSP to I2C-bus and on-chip SRAM of 8 kB up to 40 kB, make these devices very well suited for communication gateways and protocol converters, soft modems, voice recognition and low end imaging, providing both large buffer size and high processing power. Various 32-bit timers, single or dual 10-bit ADC(s), 10-bit DAC, PWM channels and 45 fast GPIO lines with up to nine edge or level sensitive external interrupt pins make these microcontrollers suitable for industrial control and medical systems.

Features and benefits
Key features
■ 16-bit/32-bit ARM7TDMI-S microcontroller in a tiny LQFP64 package.
■ 8 kB to 40 kB of on-chip static RAM and 32 kB to 512 kB of on-chip flash memory.
   128-bit wide interface/accelerator enables high-speed 60 MHz operation.
■ In-System Programming/In-Application Programming (ISP/IAP) via on-chip boot
   loader software. Single flash sector or full chip erase in 400 ms and programming of
   256 B in 1 ms.
■ EmbeddedICE RT and Embedded Trace interfaces offer real-time debugging with the
   on-chip RealMonitor software and high-speed tracing of instruction execution.
■ USB 2.0 Full-speed compliant device controller with 2 kB of endpoint RAM.
   In addition, the LPC2146/48 provides 8 kB of on-chip RAM accessible to USB by DMA.
■ One or two (LPC2141/42 vs. LPC2144/46/48) 10-bit ADCs provide a total of 6/14
   analog inputs, with conversion times as low as 2.44 μs per channel.
■ Single 10-bit DAC provides variable analog output (LPC2142/44/46/48 only).
■ Two 32-bit timers/external event counters (with four capture and four compare
   channels each), PWM unit (six outputs) and watchdog.
■ Low power Real-Time Clock (RTC) with independent power and 32 kHz clock input.
■ Multiple serial interfaces including two UARTs (16C550), two Fast I2C-bus (400 kbit/s),
   SPI and SSP with buffering and variable data length capabilities.
■ Vectored Interrupt Controller (VIC) with configurable priorities and vector addresses.
■ Up to 45 of 5 V tolerant fast general purpose I/O pins in a tiny LQFP64 package.
■ Up to 21 external interrupt pins available.
■ 60 MHz maximum CPU clock available from programmable on-chip PLL with settling
   time of 100 μs.
■ On-chip integrated oscillator operates with an external crystal from 1 MHz to 25 MHz.
■ Power saving modes include Idle and Power-down.
■ Individual enable/disable of peripheral functions as well as peripheral clock scaling for
   additional power optimization.
■ Processor wake-up from Power-down mode via external interrupt or BOD.
■ Single power supply chip with POR and BOD circuits:
   ◆ CPU operating voltage range of 3.0 V to 3.6 V (3.3 V ±10 %) with 5 V tolerant I/O
      pads.




Similar Part No. - LPC2148

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2148 PHILIPS-LPC2148 Datasheet
193Kb / 38P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 01-3 October 2005
LPC2148 NXP-LPC2148 Datasheet
189Kb / 39P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 03-19 October 2007
LPC2148 NXP-LPC2148 Datasheet
192Kb / 40P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 04-17 November 2008
LPC2148 NXP-LPC2148 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC2148 NXP-LPC2148 Datasheet
413Kb / 45P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
More results


Similar Description - LPC2148

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
Maxim Integrated Produc...
MAX4906 MAXIM-MAX4906 Datasheet
221Kb / 14P
High-/Full-Speed USB 2.0 Switches
Rev 2; 1/07
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
8-Bit Microcontroller with Full-Speed USB 2.0
logo
C-Media Electronics
CM6533DH CMEDIA-CM6533DH Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6571 CMEDIA-CM6571 Datasheet
1Mb / 63P
USB 2.0 full speed-compliant
CM6533 CMEDIA-CM6533 Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
USB 2.0 full-speed compliant
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com