Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP7905 Datasheet (PDF) - Seme LAB

IP7905 Datasheet PDF - Seme LAB
Part # IP7905
Download  IP7905 Download
File Size   87.14 Kbytes
Page   6 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description 1.5 AMP NEGATIVE VOLTAGE REGULATOR

IP7905 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP7905 Datasheet PDF - Seme LAB

Part # IP7905
Download  IP7905 Click to download

File Size   87.14 Kbytes
Page   6 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description 1.5 AMP NEGATIVE VOLTAGE REGULATOR

IP7905 Datasheet (HTML) - Seme LAB


IP7905 Product details

DESCRIPTION (Issus: 2)
The IP120 / LM120 / IP7900 / LM7900 series of 3 terminal regulators is available with several fixed output voltage making them useful in a wide range of applications.
The ‘A’ suffix devices provide 0.7% / V line regulation, 0.5% / A load regulation and ±1.0% output voltage tolerance at room temperature.
Protection features include Safe Operating Area current limiting and thermal shutdown.

FEATURES
• OUTPUT VOLTAGE OF -5V, -12V and -15V
• 0.7% / V LINE REGULATION AVAILABLE
• 0.5% / A LOAD REGULATION AVAILABLE
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• OUTPUT TRANSISTOR SOA PROTECTION
• 1.0% VOLTAGE TOLERANCE OPTION (‘A’ VERSIONS)




Similar Part No. - IP7905

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP7905 SEME-LAB-IP7905 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP7905A SEME-LAB-IP7905A Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP7905AG SEME-LAB-IP7905AG Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP7905AH SEME-LAB-IP7905AH Datasheet
29Kb / 2P
5 VOLT NEGATIVE VOLTAGE REGULATOR
IP7905AIG SEME-LAB-IP7905AIG Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results


Similar Description - IP7905

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP120A SEME-LAB-IP120A Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
LM120A-05 SEME-LAB-LM120A-05 Datasheet
56Kb / 3P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
LM7905XE SEME-LAB-LM7905XE Datasheet
28Kb / 3P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com