Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

598-8180-107F Datasheet (PDF) - Dialight Corporation

598-8180-107F Datasheet PDF - Dialight Corporation
Part # 598-8180-107F
Download  598-8180-107F Download
File Size   1420.27 Kbytes
Page   2 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description Micro LED SMD LED '598 SERIES' 0805 PACKAGE (2.0mm X 1.25mm X 0.7mm) Single Color

598-8180-107F Datasheet (PDF)

Go To PDF Page Download Datasheet
598-8180-107F Datasheet PDF - Dialight Corporation

Part # 598-8180-107F
Download  598-8180-107F Click to download

File Size   1420.27 Kbytes
Page   2 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description Micro LED SMD LED '598 SERIES' 0805 PACKAGE (2.0mm X 1.25mm X 0.7mm) Single Color

598-8180-107F Datasheet (HTML) - Dialight Corporation


598-8180-107F Product details

Surface Mount LED Selector Guide
Prism® CBI® LED Circuit Board Indicators
Micro LED® Surface Mount LEDs

Prism® CBI®
Dialight’s Prism indicators are the industry’s only SMD indicator series designed to survive 260°C peak reflow temperature AND provide the aesthetic appeal of a diffused lens for enhanced viewing. Ideal for limited-space applications and board-edge mounting, the Prism Series is available in a variety of package sizes including single level, bi-level, and tri-level configuration and in 2mm and 3mm lens size. The integral light pipes used in Prism are engineered for maximum light transmission and minimal light bleed while the diffused lens is also ideal for bi-color and tri-color applications where color-mixing is desired.

Micro LED® SMD LED
Dialight’s Micro LED Surface Mount LED product line provides one of the industry’s widest range of discrete LEDs. Packaged in ChipLED, PLCC, right-angle and reverse-mount configurations, Dialight offers a full range off colors and intensities, including the latest AllnGaP and InGaN technology. With such a wide variety of mounting styles, colors, intensities, viewing angles and lens features, Micro LED series is sure to include a cost-effective solution to any application.

Features and Benefits
Prism® CBI®
• Compatible with automatic pick-and-place equipment for reduced installation costs
• RoHS Compliant
• Available with 2mA low current LED
• Eliminates wave soldering process
• Black, low-profile PPA housing enhances the contrast ratio for better clarity

Micro LED® SMD LED
• Can be used with Dialight’s wide-range of Optopipe® series light pipes.
• Package sizes include 0603, 0606, 0805, 1206, 1208,1210,1616
• Compatible with infrared reflow processes and JEDEC standards
• Helps to eliminate mixed technology pc board processing
• RoHS compliant
• Available in 2mA low current versions

Typical Applications
• Data center Infrastructure
    • Servers - Rack mount; blade; tower
    • Storage – High-performance storage subsystems for high- end enterprise
• Networking Equipment for enterprise data centers and telecom communication centers
    • Switches, routers, and network control equipment interconnected using fiber optic and high speed wiring
• Storage Networking Hardware
    • Fiber channel host bus adapter cards (HBAs); converged network adapter cards (CNAs); ISCSi adapter cards; InfiniBand adapter cards
• Next-Gen Wireless
    • Wireless Infrastructure
• Electronic Test & Measurement Instruments
• Communications Testing Equipment
• Process controls
• Automation
• Medical
• Handheld devices
• Battery powered applications (2mA version)




Similar Part No. - 598-8180-107F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
598-8170-102F DIALIGHT-598-8170-102F Datasheet
1Mb / 16P
40 Years of LED Experience
More results


Similar Description - 598-8180-107F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
598-8010-107F DIALIGHT-598-8010-107F Datasheet
301Kb / 2P
Micro LED SMD LED '598 SERIES' 0603 PACKAGE (1.6mm X 0.8mm X 0.7mm) Single Color
598-8210-107F DIALIGHT-598-8210-107F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 1206 PACKAGE (3.2mm X 1.6mm X 0.7mm) Single Color Water Clear
598-8310-107F DIALIGHT-598-8310-107F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Single Color Right Angle
598-8310-117F DIALIGHT-598-8310-117F Datasheet
430Kb / 2P
Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Single Color Right Angle
598-8410-207F DIALIGHT-598-8410-207F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 0606 PACKAGE (1.6mm X 1.6mm X 0.7mm) Bi-Color
598-8510-207F DIALIGHT-598-8510-207F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Bi-Color Right Angle
598-8610-207F DIALIGHT-598-8610-207F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 1210 PACKAGE (3.2mm X 2.7mm X 0.7mm) Bi-Color
598-8610-307F DIALIGHT-598-8610-307F Datasheet
1Mb / 2P
Micro LED SMD LED (3.2mm X 2.7mm X 0.7mm) Tri-Color
598-8710-307F DIALIGHT-598-8710-307F Datasheet
1Mb / 2P
Micro LED SMD LED (1.6mm X 1.6mm X 0.7mm) Tri-Color
598-9210-107F DIALIGHT-598-9210-107F Datasheet
1Mb / 2P
Micro LED SMD LED (3.2mm X 1.6mm X 0.7mm) Single Color Diffused
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com