Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSFR Datasheet (PDF) - Sharp Corporation

BSFR Datasheet PDF - Sharp Corporation
Part # BSFR
Download  BSFR Download
File Size   67.85 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Double Conversion IF Output Satellite Tuner

BSFR Datasheet (PDF)

Go To PDF Page Download Datasheet
BSFR Datasheet PDF - Sharp Corporation

Part # BSFR
Download  BSFR Click to download

File Size   67.85 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Double Conversion IF Output Satellite Tuner

BSFR Datasheet (HTML) - Sharp Corporation


BSFR Product details

NEW HIGH PERFORMANCE DOUBLE CONVERSION TUNERS FEATURING PRESCALER CAPABILITY.



SHARP’S new BSFR and BSFZ-series satellite tuners are designed as a flexible solution for reception of modulated digital data streams. With a total of seven different models to meet varying performance requirements, these tuners can be used as receivers for both digital video and data streams.

Each model provides two local oscillators. The first is phase locked loop-tuned using a 3-wire serial data bus. The second local oscillator is controlled by an analog voltage. All models provide a prescaler on the second LO output for complete control of the conversion process.

Several power supply configurations are used: 5 V and 20 V; 5 V, 12 V, and 20 V; and 5 V, 12 V, and 28 V.



FEATURES

• First LO PLL tuning

• Low noise figure, 9 db typical (model dependent)

• 50 db typical AGC range

• Conversion gain range from 20 db to 70 db, typical

• Low phase noise

• Input and output impedance: 75 Ω

• Maximum input level: -20 dBm



 




Similar Part No. - BSFR

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
BSF APEX-ELECTRONICS-BSF Datasheet
599Kb / 4P
Subminiature Slide Switch, multiple contact arrangement
logo
Mini-Circuits
BSF-108 MINI-BSF-108 Datasheet
405Kb / 2P
Band Stop Filter
BSF-108+ MINI-BSF-108+ Datasheet
405Kb / 2P
Band Stop Filter
BSF-C100 MINI-BSF-C100 Datasheet
381Kb / 3P
Band Stop Filter
BSF-C100+ MINI-BSF-C100+ Datasheet
381Kb / 3P
Band Stop Filter
More results


Similar Description - BSFR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BSFC77GV6 SHARP-BSFC77GV6 Datasheet
44Kb / 2P
BSFC-Series Single Conversion IF Output Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
Satellite Tuner
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
Satellite Tuner
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
Satellite Zero IF QPSK Tuner IC
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
Direct Conversion IC for Digital Satellite Broadcast Tuner
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com