Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C47 Datasheet (PDF) - Central Semiconductor Corp

BZX84C47 Datasheet PDF - Central Semiconductor Corp
Part # BZX84C47
Download  BZX84C47 Download
File Size   336.5 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS

BZX84C47 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C47 Datasheet PDF - Central Semiconductor Corp

Part # BZX84C47
Download  BZX84C47 Click to download

File Size   336.5 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS

BZX84C47 Datasheet (HTML) - Central Semiconductor Corp


BZX84C47 Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR BZX84C2V4 Series are surface mount silicon Zener diodes. These high quality voltage regulating diodes are designed for use in industrial, commercial, entertainment and computer applications.

MARKING CODE: SEE MARKING CODE ON ELECTRICAL CHARACTERISTICS TABLE




Similar Part No. - BZX84C47

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C47 VISHAY-BZX84C47 Datasheet
70Kb / 5P
350 mW Surface Mount Zener Diodes
01-Apr-99
logo
Rectron Semiconductor
BZX84C47 RECTRON-BZX84C47 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C47 JGD-BZX84C47 Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Shanghai Lunsure Electr...
BZX84C47 CHENYI-BZX84C47 Datasheet
22Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Diodes Incorporated
BZX84C47 DIODES-BZX84C47 Datasheet
55Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 1 - 2
More results


Similar Description - BZX84C47

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMLZDA2V4 CENTRAL-CMLZDA2V4_10 Datasheet
519Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com